전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM754N 데이터시트(PDF) 1 Page - Frontier Electronics.

부품명 KM754N
상세설명  10mm Adjustable Shielded RF Coil (II)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

KM754N 데이터시트(HTML) 1 Page - Frontier Electronics.

  KM754N Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10mm Adjustable RF Coil P/N KM721N to KM738N
Rev. A
Jan. 01, 2006 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
10mm Adjustable Shielded RF Coil (II)—P/N KM739N to KM756N
(With carbonyl-E TH core and Ferrite Sleeve).
A. Mechanical Drawing:
B. Electrical Specification:
Part No.
Color
L (uH)
Min.
L (uH)
Nom.
L (uH)
Max
Test Freq.
(MHz)
Q
(Min.)
KM739N
Brown
0.85
1.04
2.00
7.9
43
KM740N
Red
1.27
2.25
3.25
7.9
44
KM741N
Orange
1.83
3.25
4.60
7.9
41
KM742N
Yellow
2.48
4.50
6.40
7.9
40
KM743N
Green
3.58
6.50
9.30
7.9
40
KM744N
Blue
5.00
8.80
12.70
7.9
38
KM745N
Violet
7.70
13.0
18.40
2.5
30
KM746N
Gray
12
20.9
30
2.5
35
KM747N
White
16
29.4
42
2.5
34
KM748N
Black
25
42.3
60
2.5
32
KM749N
Brown *
36
62.8
90
2.5
30
KM750N
Red *
48
87.2
126
2.5
42
KM751N
Orange *
72
116
163
0.79
35
KM752N
Yellow *
102
168
238
0.79
36
KM753N
Green *
147
252
360
0.79
38
KM754N
Blue *
215
312
522
0.79
45
KM755N
Violet *
303
530
765
0.79
33
KM756N
Gray *
440
790
1143
0.79
38
- Denotes Color Dot
• For “RoHS” compliant part, we add “-LFR” at the end of our P/N


유사한 부품 번호 - KM754N

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
KM754N FRONTIER-KM754N Datasheet
41Kb / 1P
   10mm Adjustable Shielded RF Coil (II).P/N KM739N to KM756N
KM754N FRONTIER-KM754N Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (III) (SHIELDED)
More results

유사한 설명 - KM754N

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
KM721N FRONTIER-KM721N Datasheet
110Kb / 1P
   10mm Adjustable Shielded RF Coil (I)
KM739N FRONTIER-KM739N_10 Datasheet
41Kb / 1P
   10mm Adjustable Shielded RF Coil (II).P/N KM739N to KM756N
KM721N FRONTIER-KM721N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (SHIELDED)
KM739N FRONTIER-KM739N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (III) (SHIELDED)
KS1383N FRONTIER-KS1383N Datasheet
97Kb / 1P
   7mm Adjustable shielded IFT Coil (II)
KM703N FRONTIER-KM703N_15 Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM57A FRONTIER-KM57A Datasheet
90Kb / 1P
   5mm Adjustable shielded IFT Coil
logo
List of Unclassifed Man...
9106 ETC1-9106 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
logo
Frontier Electronics.
KS1383N FRONTIER-KS1383N_15 Datasheet
153Kb / 1P
   7mm ADJUSTABLE IFT COILS (II) (SHIELDED)
KS1346N FRONTIER-KS1346N Datasheet
105Kb / 1P
   7mm Adjustable shielded IFT Coil (I)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com