전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320CC6713GLW20EP 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SM320CC6713GLW20EP
상세설명  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SM320CC6713GLW20EP 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SM320CC6713GLW20EP Datasheet HTML 2Page - Texas Instruments SM320CC6713GLW20EP Datasheet HTML 3Page - Texas Instruments SM320CC6713GLW20EP Datasheet HTML 4Page - Texas Instruments SM320CC6713GLW20EP Datasheet HTML 5Page - Texas Instruments SM320CC6713GLW20EP Datasheet HTML 6Page - Texas Instruments SM320CC6713GLW20EP Datasheet HTML 7Page - Texas Instruments SM320CC6713GLW20EP Datasheet HTML 8Page - Texas Instruments SM320CC6713GLW20EP Datasheet HTML 9Page - Texas Instruments SM320CC6713GLW20EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 123 page
background image
3
DEVICE INFORMATION
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
Y
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
EA20
DV
DD
EA18
EA16
EA14
V
SS
CLKOUT2/
GP[2]
ECLKIN
ECLKOUT
EA9
EA7
DV
DD
EA2
ARDY
BE2
ED18
V
SS
V
SS
V
SS
CV
DD
DV
DD
ED17
V
SS
CE2
EA4
EA6
DV
DD
AOE
SDRAS
SSOE
/
/
AWE
SDWE
SSWE
/
/
ARE
SDCAS
SSADS
/
/
V
SS
DV
DD
EA11
EA13
EA15
V
SS
EA19
CE1
CV
DD
V
SS
BE0
DV
DD
CV
DD
CE0
EA17
DV
DD
EA12
DV
DD
EA10
EA8
EA5
EA3
CE3
BE3
ED16
CV
DD
ED19
ED20
ED22
ED28
SCL0
FSX1
CLKR1/
AXR0[6]
DR1/
SDA1
DR0/
AXR0[0]
DX0/
AXR0[1]
FSR1/
AXR0[7]
DV
DD
ED24
ED21
ED29
SDA0
DX1
AXR0[5]
CLKX1/
AMUTE0
CLKS1/
SCL1
GP[5]
(EXT_INT5)
AMUTEIN0
GP[4]
(EXT_INT4)
AMUTEIN1
GP[7]
(EXT_INT7)
GP[6]
(EXT_INT6)
CLKS0
AHCLKR0
ED27
ED25
ED23
ED30
ED31
ED26
DV
DD
EA21
BE1
V
SS
V
SS
V
SS
V
SS
CV
DD
V
SS
CV
DD
V
SS
DV
DD
CV
DD
DV
DD
V
SS
V
SS
V
SS
V
SS
CV
DD
CV
DD
CV
DD
CV
DD
DV
DD
DV
DD
V
SS
V
SS
V
SS
CV
DD
CV
DD
CV
DD
V
SS
ED13
ED6
ED9
DV
DD
ED2
ED0
DV
DD
ED15
ED7
V
SS
ED11
ED3
ED1
ED4
ED14
ED8
ED10
ED12
CV
DD
V
SS
ED5
HOLD
HINT/
GP[1]
HRDY/
ACLKR[1]
HCS/
AXR1[1]
HAS/
ACLKX1
HDS/
AXR1[6]
HDS2/
AXR1[5]
HCNTL1/
AXR1[1]
HCNTL0/
AXR1[3]
HD6/
AHCLKR1
HD9/
GP[9]
HD5/
AHCLKX1
HD12/
GP[12]
HD14/
GP[14]
HD15/
GP[15]
HD13/
GP[13]
HD11/
GP[11]
HD10/
GP[10]
HD8/
GP[8]
HD7/
GP[3]
HD4/
GP[0]
HD2/
AFSX1
HD3/
AMUTE1
HD1/
AXR1[7]
HHWIL/
AFSR[1]
HD0/
AXR1[4]
HR/ /
AXR1[0]
W
HOLDA
BUS
REQ
V
SS
V
SS
V
SS
V
SS
V
SS
DV
DD
CV
DD
CV
DD
V
SS
CV
DD
DV
DD
FSR0/
AFSR0
CLKR0/
ACLKR0
CLKX0/
ACLKX0
TOUT0/
AXR0[2]
TOUT1/
AXR0[4]
TINP0/
AXR0[3]
TINP1/
AHCLKX0
FSX0/
AFSX0
V
SS
V
SS
V
SS
DV
DD
DV
DD
CV
DD
CV
DD
CV
DD
CV
DD
CV
DD
DV
DD
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
EMU2
CLKIN
CLK
MODE0
PLLHV
RSV
RSV
CV
DD
V
SS
TRST
TCK
TDI
TMS
CV
DD
CV
DD
CV
DD
CV
DD
CV
DD
CV
DD
DV
DD
DV
DD
DV
DD
DV
DD
RSV
RSV
RSV
RSV
V
SS
V
SS
V
SS
TD0
CV
DD
EMU1
EMU0 CLKOUT3
DV
DD
EMU3
CV
DD
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
V
SS
RSV
EMU4
EMU5
NMI
RESET
DV
DD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
ShadingdenotestheGDPpackagepinfunctionsthatdropoutonthePYPpackage.
SM320C6713-EP
SM320C6713B-EP
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SGUS049H – AUGUST 2003 – REVISED SEPTEMBER 2008
www.ti.com
GDP 272-BALL BGA PACKAGE
(BOTTOM VIEW)
DEVICE INFORMATION
6
Submit Documentation Feedback


유사한 부품 번호 - SM320CC6713GLW20EP

제조업체부품명데이터시트상세설명
logo
UNIOHM CORPORATION
SM320C UNIOHM-SM320C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320C SECOS-SM320C Datasheet
204Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM320C TAYCHIPST-SM320C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
   VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM320C GWSEMI-SM320C Datasheet
65Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SM320CC6713GLW20EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com