전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVCH4T245-EP 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AVCH4T245-EP
상세설명  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH4T245-EP 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74AVCH4T245-EP Datasheet HTML 3Page - Texas Instruments SN74AVCH4T245-EP Datasheet HTML 4Page - Texas Instruments SN74AVCH4T245-EP Datasheet HTML 5Page - Texas Instruments SN74AVCH4T245-EP Datasheet HTML 6Page - Texas Instruments SN74AVCH4T245-EP Datasheet HTML 7Page - Texas Instruments SN74AVCH4T245-EP Datasheet HTML 8Page - Texas Instruments SN74AVCH4T245-EP Datasheet HTML 9Page - Texas Instruments SN74AVCH4T245-EP Datasheet HTML 10Page - Texas Instruments SN74AVCH4T245-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Switching Characteristics
Switching Characteristics
SN74AVCH4T245-EP
www.ti.com........................................................................................................................................................................................... SCES771 – DECEMBER 2008
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.2
0.3
10.3
0.3
9.2
0.4
8.2
0.4
8.2
A
B
ns
tPHL
3.2
0.3
10.3
0.3
9.2
0.4
8.2
0.4
8.2
tPLH
3.3
0.7
10.3
0.5
10
0.4
9.7
0.3
9.6
B
A
ns
tPHL
3.3
0.7
10.3
0.5
10
0.4
9.7
0.3
13.6
tPZH
4.9
1.4
13.6
1.1
13.5
0.7
13.4
0.4
13.4
OE
A
ns
tPZL
4.9
1.4
13.6
1.1
13.5
0.7
13.4
0.4
13.4
tPZH
4.5
1.4
14.6
1.1
11.7
0.9
9.8
0.9
9.6
OE
B
ns
tPZL
4.5
1.4
14.6
1.1
11.7
0.9
9.8
0.9
9.6
tPHZ
5.6
1.8
14.2
1.5
14.2
1.3
14.2
1.6
14.2
OE
A
ns
tPLZ
5.6
1.8
14.2
1.5
14.2
1.3
14.2
1.6
14.2
tPHZ
5.2
1.9
14.3
1.9
13.1
1.4
11.4
1.2
11.6
OE
B
ns
tPLZ
5.2
1.9
14.3
1.9
13.1
1.4
11.4
1.2
11.6
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.9
0.1
10
0.1
8.9
0.1
7.9
0.3
7.9
A
B
ns
tPHL
2.9
0.1
10
0.1
8.9
0.1
7.9
0.3
7.9
tPLH
3
0.6
9.3
0.5
8.9
0.3
8.6
0.3
8.5
B
A
ns
tPHL
3
0.6
9.3
0.5
8.9
0.3
8.6
0.3
8.5
tPZH
4.4
1
13.4
1
11.3
0.6
11.3
0.4
11.2
OE
A
ns
tPZL
4.4
1
13.4
1
11.3
0.6
11.3
0.4
11.2
tPZH
4.1
1.2
14.4
1
12.4
0.8
9.3
0.8
8.6
OE
B
ns
tPZL
4.1
1.2
14.4
1
12.4
0.8
9.3
0.8
8.6
tPHZ
5.4
1.6
12.6
1.8
12.7
1.3
12.7
1.6
12.7
OE
A
ns
tPLZ
5.4
1.6
12.6
1.8
12.7
1.3
12.7
1.6
12.7
tPHZ
5
1.7
13.9
1.6
12.7
1.2
10.9
1
10.9
OE
B
ns
tPLZ
5
1.7
13.9
1.6
12.7
1.2
10.9
1
10.9
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AVCH4T245-EP


유사한 부품 번호 - SN74AVCH4T245-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCH4T245-EP TI1-SN74AVCH4T245-EP Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
More results

유사한 설명 - SN74AVCH4T245-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com