전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMT20-1MA 데이터시트(PDF) 1 Page - Frontier Electronics.

부품명 SMT20-1MA
상세설명  Surface Mount Transformer/Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FRONTIER [Frontier Electronics.]
홈페이지  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SMT20-1MA 데이터시트(HTML) 1 Page - Frontier Electronics.

  SMT20-1MA Datasheet HTML 1Page - Frontier Electronics. SMT20-1MA Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT Xfmr: P/N SMTxxx-series
Rev. A
Jan, 01, 2006. Page 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Surface Mount Transformer/Inductor
A. Mechanical dimension:
Size(Type)
A
B
C
D
E
F
G
1
12.5
9.5
5.8
5.13
3
2.5
2
2
14.5
12
7
6.38
4.5
2.5
2.8
1M
12.5
9.5
5.8
5.13
3
2.5
2
2M
14.5
12
7
6.38
4.5
2.5
2.8
a.)
Mechanical drawing and pin positions:
b.) Part number key:
SMT xxx –y z A
“Z”: “Blank” for iron powder core.
“M” for high frequency, low loss Sendust core material.
“1” & “ 2”: for the size of core and housing.
“xxx”: for parallel inductance value (uH).
“SMT”: Surface Mount Transformer (Inductor)
B. Schematic:
Note:
RoHS compliant; for the RoHS parts, we add “-LFR” at the end of the P/N.


유사한 부품 번호 - SMT20-1MA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMT2000 ETC1-SMT2000 Datasheet
198Kb / 8P
   Autocatalytic process allows high deposit thicknesses to be achieved
logo
Artesyn Technologies
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C EMERSON-NETWORKPOWER-SMT20C Datasheet
258Kb / 4P
   new high density open frame non-isolated converter
logo
Artesyn Technologies
SMT20C-05SADJJ ARTESYN-SMT20C-05SADJJ Datasheet
188Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C-05SADJJ EMERSON-NETWORKPOWER-SMT20C-05SADJJ Datasheet
258Kb / 4P
   new high density open frame non-isolated converter
More results

유사한 설명 - SMT20-1MA

제조업체부품명데이터시트상세설명
logo
Rhombus Industries Inc.
L-31302 RHOMBUS-IND-L-31302 Datasheet
17Kb / 1P
   Surface Mount Multiple Winding Inductor/Transformer
logo
PREMIER DEVICES, INC.
XFA-0101-25B PDI-XFA-0101-25B Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-25UH PDI-XFA-0101-25UH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4W PDI-XFA-0301-4W Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFK-0401-4W PDI-XFK-0401-4W Datasheet
52Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-1BH PDI-XFA-0101-1BH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-16U PDI-XFA-0101-16U Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-2WH PDI-XFA-0301-2WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4B PDI-XFA-0301-4B Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0401-4WH PDI-XFA-0401-4WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com