전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7N60 데이터시트(PDF) 2 Page - Suntac Electronic Corp.

부품명 IRF7N60
상세설명  POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAC [Suntac Electronic Corp.]
홈페이지  
Logo SUNTAC - Suntac Electronic Corp.

IRF7N60 데이터시트(HTML) 2 Page - Suntac Electronic Corp.

  IRF7N60 Datasheet HTML 1Page - Suntac Electronic Corp. IRF7N60 Datasheet HTML 2Page - Suntac Electronic Corp. IRF7N60 Datasheet HTML 3Page - Suntac Electronic Corp. IRF7N60 Datasheet HTML 4Page - Suntac Electronic Corp. IRF7N60 Datasheet HTML 5Page - Suntac Electronic Corp. IRF7N60 Datasheet HTML 6Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ORDERING INFORMATION
Part Number
Package
IRF7N60...............................................TO-220
....................IRF7N60FP
TO-220 Full Pak
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25
.
CMT07N60
Characteristic
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
(VGS = 0 V, ID = 250
A)
V(BR)DSS
600
V
Drain-Source Leakage Current
(VDS = 600 V, VGS = 0 V)
(VDS = 480 V, VGS = 0 V, TJ = 125
)
IDSS
100
100
A
Gate-Source Leakage Current-Forward
(Vgsf = 20 V, VDS = 0 V)
IGSSF
100
nA
Gate-Source Leakage Current-Reverse
(Vgsr = 20 V, VDS = 0 V)
IGSSR
100
nA
Gate Threshold Voltage
(VDS = VGS, ID = 250
A)
VGS(th)
2.0
4.0
V
Static Drain-Source On-Resistance (VGS = 10 V, ID = 3.5A) *
RDS(on)
1.2
Forward Transconductance (VDS = 40 V, ID = 3.5A) *
gFS
4.0
mhos
Input Capacitance
Ciss
1380
1800
pF
Output Capacitance
Coss
115
150
pF
Reverse Transfer Capacitance
(VDS = 25 V, VGS = 0 V,
f = 1.0 MHz)
Crss
23
30
pF
Turn-On Delay Time
td(on)
30
70
ns
Rise Time
tr
80
170
ns
Turn-Off Delay Time
td(off)
125
260
ns
Fall Time
(VDD = 300 V, ID = 7.0 A,
VGS = 10 V,
RG = 9.1 ) *
tf
85
180
ns
Total Gate Charge
Qg
38
50
nC
Gate-Source Charge
Qgs
6.4
nC
Gate-Drain Charge
(VDS = 480 V, ID = 7.0 A,
VGS = 10 V)*
Qgd
15
nC
Internal Drain Inductance
(Measured from the drain lead 0.25” from package to center of die)
LD
4.5
nH
Internal Drain Inductance
(Measured from the source lead 0.25” from package to source bond pad)
LS
7.5
nH
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On-Voltage(1)
VSD
1.4
V
Forward Turn-On Time
ton
**
ns
Reverse Recovery Time
(IS =7.0 A,
dIS/dt = 100A/µs)
trr
415
ns
* Pulse Test: Pulse Width
300µs, Duty Cycle
2%
** Negligible, Dominated by circuit inductance
IRF7N60
POWER MOSFET
Page 2


유사한 부품 번호 - IRF7N60

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405 Datasheet
201Kb / 7P
   Avalanche Energy Ratings
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405_15 Datasheet
201Kb / 7P
   Avalanche Energy Ratings
IRF7NA2907 IRF-IRF7NA2907 Datasheet
118Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-2)
More results

유사한 설명 - IRF7N60

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com