전자부품 데이터시트 검색엔진 |
|
LM199A 데이터시트(PDF) 7 Page - Linear Technology |
|
LM199A 데이터시트(HTML) 7 Page - Linear Technology |
7 / 8 page LM199/LM399 LM199A/LM399A 7 LM199399fb PACKAGE DESCRIPTIO Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. H Package 4-Lead TO-46 Metal Can (Reference LTC DWG # 05-08-1341) .016 – .019** (0.406 – 0.483) DIA .025 (0.635) MAX REFERENCE PLANE .085 – .105 (2.159 – 2.667) .500 (12.700) MIN .178 – .195 (4.521 – 4.953) .209 – .219 (5.309 – 5.563) .100 (2.540) TYP 45 ° H4(TO-46) 0801 .050 (1.270) TYP .050 (1.270) TYP .028 – .048 (0.711 – 1.219) .036 – .046 (0.914 – 1.168) SEATING* PLANE LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE AND .050" BELOW THE REFERENCE PLANE FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS .016 – .024 (0.406 – 0.610) * ** PIN 1 .399 – .409 (10.135 – 10.389) DIA .016 – .019 (0.406 – 0.483) TYP DIA .100 (2.540) .244 – .234 (5.690 – 5.943) .400 (10.160) .050 (1.270) SEATING PLANE Thermal Shield* for TO-46, H Package * THERMAL SHIELD MATERIAL IS VALOXTM. VALOX IS A TRADEMARK OF GENERAL ELECTRIC |
유사한 부품 번호 - LM199A |
|
유사한 설명 - LM199A |