전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2931-5.0 데이터시트(PDF) 3 Page - Wing Shing Computer Components

부품명 LM2931-5.0
상세설명  Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINGS [Wing Shing Computer Components]
홈페이지  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM2931-5.0 데이터시트(HTML) 3 Page - Wing Shing Computer Components

  LM2931-5.0 Datasheet HTML 1Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 2Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 3Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 4Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 5Page - Wing Shing Computer Components LM2931-5.0 Datasheet HTML 6Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3-6

 
V=14V,V =3V,I=10 mA, T=25(Note 1), R1=27K,C2=100"F(unless otherwise specified)
''
(
*+
 
)
1.20
1.26
1.14
V
V
Reference Voltage
Io
100mA, -40Tj125 
R1=27K
Measured from V to Adjust Pin
1.32
1.08
V
V
Output Voltage
Range
24
3
V
V
Line Regulation
V +0.6VV26V
0.2
1.5
mV /V
Load Regulation
5mA
Io100mA
0.3
1
%MAX
Output Impedance
100mA and 10mArms 100Hz-10KHz
40
!/V
Quiescent Current
Io=10mA
Io=100 mA
During Shutdown R =500!
0.4
15
0.8
1
1
mA
mA
mA
Output Noise Voltage
10Hz-100KHz
100
Vrms/V
Long Term Stability
"
%/1000hr
Ripple Rejection
fo=120Hz
0.02
%/V
Dropout Voltage
Io
10 mA
Io=100 mA
0.05
0.3
0.2
0.6
V
V
Maximum Operational
Input Voltage
33
26
V
Maximum Line Transient
Io=10 mA, Reference Voltage
1.5V
70
60
V
Reverse Polarity Input
Voltage, DC
Vo
-0.3V,R =500!
-30
-15
V
Reverse Polanty Input
Voltage Transient
1% Duty Cycle, T
100ms R =500!
-80
-50
V
On/Off Threshold Voltage
On
Off
Vo=3V
2.0
2.2
1.2
3.25
V
V
On/Off Threshold Current
20
50
A












  
LM2931-5.0


유사한 부품 번호 - LM2931-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2931-N TI1-LM2931-N Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
LM2931-N TI1-LM2931-N Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
LM2931-N TI-LM2931-N_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
More results

유사한 설명 - LM2931-5.0

제조업체부품명데이터시트상세설명
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com