전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC494 데이터시트(PDF) 5 Page - Suntac Electronic Corp.

부품명 STC494
상세설명  Pulse Width Modulation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAC [Suntac Electronic Corp.]
홈페이지  
Logo SUNTAC - Suntac Electronic Corp.

STC494 데이터시트(HTML) 5 Page - Suntac Electronic Corp.

  STC494 Datasheet HTML 1Page - Suntac Electronic Corp. STC494 Datasheet HTML 2Page - Suntac Electronic Corp. STC494 Datasheet HTML 3Page - Suntac Electronic Corp. STC494 Datasheet HTML 4Page - Suntac Electronic Corp. STC494 Datasheet HTML 5Page - Suntac Electronic Corp. STC494 Datasheet HTML 6Page - Suntac Electronic Corp. STC494 Datasheet HTML 7Page - Suntac Electronic Corp. STC494 Datasheet HTML 8Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
INFORMATION
The basic oscillator(switching)frequency is controlled by an external resistor (Rt) and
capacitor(Ct). The relationship between the values of Rt Ct and frequency is shown in.
The level of the sawtooth wave form is compared with an error voltage by the pulse width
modulated comparator. The output of the PWM Comparator directs the pulse steering flip
flop and the output control logic.
The error voltage is generated by the error amplifier. The error amplifier boosts the voltage
difference between the output and the 5V internal reference. See Figure7 for error amp
sensing techniques. The second error amp is typically used to implement current limiting.
The output control logic (Pin13) selects either push-pull or single-ended operation of the
output transistors (see Figure6). The dead time control prevents on-state overlap of the
output transistors as can be seen is Figure5. The dead time is approximately 3 to 5% of the
total period if the dead time control(pin4) is grounded. This dead time can be increased by
connecting the dead time control to a voltage up to 5 V. The frequency response of the
error amps can be modified by using external resistors and capacitors. These components
are typically connected between the compensation terminal (pin3) and the inverting input
of the error amps(pin2 or pin15). The switching frequency of two or more S494 circuits can
be synchronized. The timing capacitor, Ct is connected as shown in Figure8. Charging
current is provided by the master circuit. Discharging is through all the circuits slaved to
the master. Rt is required only for the master circuit.
Operating Waveform
STC494


유사한 부품 번호 - STC494

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
STC4.7-15C2 VISHAY-STC4.7-15C2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-20N2 VISHAY-STC4.7-20N2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-25C3 VISHAY-STC4.7-25C3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-25N3 VISHAY-STC4.7-25N3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-4C1 VISHAY-STC4.7-4C1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
More results

유사한 설명 - STC494

제조업체부품명데이터시트상세설명
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
   Pulse Width Modulation
S494 AUK-S494 Datasheet
339Kb / 8P
   Pulse Width Modulation
logo
Daewoo Semiconductor
DBL494 DAEWOO-DBL494 Datasheet
329Kb / 6P
   PULSE WIDTH MODULATION
logo
AUK corp
S494P AUK-S494P Datasheet
342Kb / 8P
   Pulse Width Modulation
S494 AUK-S494_1 Datasheet
350Kb / 9P
   Pulse Width Modulation
logo
Cirrus Logic
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
SA08 APEX-SA08 Datasheet
239Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
SA305 APEX-SA305 Datasheet
562Kb / 6P
   PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
   PULSE WIDTH MODULATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com