전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC6105 데이터시트(PDF) 1 Page - Suntac Electronic Corp.

부품명 STC6105
상세설명  Power Supply Supervisor Regulator PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNTAC [Suntac Electronic Corp.]
홈페이지  
Logo SUNTAC - Suntac Electronic Corp.

STC6105 데이터시트(HTML) 1 Page - Suntac Electronic Corp.

  STC6105 Datasheet HTML 1Page - Suntac Electronic Corp. STC6105 Datasheet HTML 2Page - Suntac Electronic Corp. STC6105 Datasheet HTML 3Page - Suntac Electronic Corp. STC6105 Datasheet HTML 4Page - Suntac Electronic Corp. STC6105 Datasheet HTML 5Page - Suntac Electronic Corp. STC6105 Datasheet HTML 6Page - Suntac Electronic Corp. STC6105 Datasheet HTML 7Page - Suntac Electronic Corp. STC6105 Datasheet HTML 8Page - Suntac Electronic Corp. STC6105 Datasheet HTML 9Page - Suntac Electronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Product Specification
- 1 -
FEATURES
PC half-bridge (or 494) power supply supervisor +
two 431 + PWM
High integration & few external components
Over-voltage protection for 3.3V, 5V and 12V
Under-voltage protection for 3.3V, 5V and 12V
Under-voltage protection for –12V and/or –5V
Over-power and short-circuit protection
Power-down warning circuitry
Power good circuitry
Delay time for PSON and PG signal
Remote ON/OFF function
On-chip oscillator and error amplifier
Two shunt regulator for 3.3V and 5V-Standby
Latching PWM for cycle-by-cycle switching
Push-pull PWM operation and totem pole outputs
Soft-start and maximum 93% duty cycle
APPLICATIONS
Switching mode power supply for Computers, such
as:
ATX
NLX
SFX (micro-ATX)
DESCRIPTION
STC6105 controller is designed for switching
mode power supply for desktop PCs. It provides all the
functions necessary to monitor and control the output of
the power supply. Remote ON/OFF control, power good
circuitry, some protection features against over-voltage
and over-power are implemented. It directly senses all the
output rails for OVP without the need of external dividers.
An innovated AC-signal sampling circuitry provides a
sufficient power-down warning signal for PG. A built-in
timer generates accuracy timing for control circuit
including the PS-off delay. The cycle-by-cycle PWM
switching prevents the power transformer from the
saturation and ensures the fastest response for the
short-circuit protection which greatly reduce the stress for
power transistors. Two internal precision TL431 shunt
regulators provide stable reference voltage and driver for
3.3V and 5V-standby regulation. Utilizing minimum
number of external components, the STC6105 includes
all of the functions for push-pull and/or half-bridge
topology, decreasing the production cost and PCB space,
and increasing the MTBF for power supply.
MARKING DIAGRAMS
PIN CONFIGURATION
20
1
STC6105
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PSON
V33
V5
OPP
UVAC
NVP
V12
OP2
OP1
PG
FB2
VREF2
VREF1
FB1
GND
COMP
IN
SS
RI
VCC
STC6105
Power Supply Supervisor + Regulator + PWM


유사한 부품 번호 - STC6105

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
STC6.8-10C2 VISHAY-STC6.8-10C2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-15N2 VISHAY-STC6.8-15N2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20C3 VISHAY-STC6.8-20C3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-20N3 VISHAY-STC6.8-20N3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC6.8-2C1 VISHAY-STC6.8-2C1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
More results

유사한 설명 - STC6105

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A_09 Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
logo
List of Unclassifed Man...
SG6105 ETC-SG6105 Datasheet
519Kb / 13P
   Power Supply Supervisor Regulator PWM
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A Datasheet
592Kb / 18P
   Power Supply Supervisor Regulator PWM
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
   POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
logo
Fairchild Semiconductor
FAN6103 FAIRCHILD-FAN6103 Datasheet
656Kb / 13P
   Power Supply Supervisor Plus PWM
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com