전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F71863 데이터시트(PDF) 5 Page - Feature Integration Technology Inc.

부품명 F71863
상세설명  Super Hardware Monitor LPC I/O
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINTEK [Feature Integration Technology Inc.]
홈페이지  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71863 데이터시트(HTML) 5 Page - Feature Integration Technology Inc.

  F71863 Datasheet HTML 1Page - Feature Integration Technology Inc. F71863 Datasheet HTML 2Page - Feature Integration Technology Inc. F71863 Datasheet HTML 3Page - Feature Integration Technology Inc. F71863 Datasheet HTML 4Page - Feature Integration Technology Inc. F71863 Datasheet HTML 5Page - Feature Integration Technology Inc. F71863 Datasheet HTML 6Page - Feature Integration Technology Inc. F71863 Datasheet HTML 7Page - Feature Integration Technology Inc. F71863 Datasheet HTML 8Page - Feature Integration Technology Inc. F71863 Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 112 page
background image
July, 2008
V0.29P
5
F71863
1. General Description
The F71863 is the featured IO chip for PC system. Equipped with one IEEE 1284
Parallel Port, two UART Ports, Hardware Keyboard Controller, Serial Peripheral Interface
(SPI), SIR and one FDC. The F71863 integrated with hardware monitor, 9 sets of voltage
sensor, 3 sets of creative auto-controlling fans and 3 temperature sensor pins for the
accurate dual current type temp. measurement for CPU thermal diode or external
transistors 2N3906. Others, the F71863 supports newest AMDSI and Intel PECI interfaces
for temperature sensing. For AMD platform, the F71883 procides the power sequence
controller function.
The F71863 provides flexible features for multi-directional application. For instance,
supports 4-In and 4-Out pins CPU VID controlling with offset implement., provides 25 GPIO
pins (multi-pin), IRQ sharing function also designed in UART feature for particular usage
and accurate current mode H/W monitor will be worth in measurement of temperature,
provides 3 modes fan speed control mechanism included Manual Mode/Stage Auto
Mode/Linear Auto Mode for users’ selection.
The F71863 also integrated SPI interface. The SPI interface is for BIOS usage
including bridge function and back up function. User can implement BIOS data in second
flash to boot system when primary BIOS error. These features as above description will help
you more and improve product value. Finally, the F71863 is powered by 3.3V voltage, with
the LPC interface in the green package of 128-PQFP.
2. Feature List
General Functions
Comply with LPC Spec. 1.0
Support DPM (Device Power Management), ACPI
Support AMD power sequence controller
4-VIDIN and 4-VIDOUT for Vcore use
Provides one FDC, two UARTs, Hardware KBC and Parallel Port
H/W monitor functions
SPI interface for BIOS usage
Support AMD SID/SIC interface and Intel PECI interface
25 GPIO Pins for flexible application
24/48 MHz clock input
Packaged in 128-PQFP and powered by 3.3VCC


유사한 부품 번호 - F71863

제조업체부품명데이터시트상세설명
logo
Feature Integration Tec...
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71862FG FINTEK-F71862FG Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71869 FINTEK-F71869 Datasheet
3Mb / 116P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71869AD FINTEK-F71869AD Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
More results

유사한 설명 - F71863

제조업체부품명데이터시트상세설명
logo
Feature Integration Tec...
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
F71808E FINTEK-F71808E Datasheet
694Kb / 92P
   Super Hardware Monitor LPC I/O with Power Saving Control
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869 FINTEK-F71869 Datasheet
3Mb / 116P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com