전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F71863 데이터시트(PDF) 6 Page - Feature Integration Technology Inc.

부품명 F71863
상세설명  Super Hardware Monitor LPC I/O
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINTEK [Feature Integration Technology Inc.]
홈페이지  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71863 데이터시트(HTML) 6 Page - Feature Integration Technology Inc.

Back Button F71863 Datasheet HTML 2Page - Feature Integration Technology Inc. F71863 Datasheet HTML 3Page - Feature Integration Technology Inc. F71863 Datasheet HTML 4Page - Feature Integration Technology Inc. F71863 Datasheet HTML 5Page - Feature Integration Technology Inc. F71863 Datasheet HTML 6Page - Feature Integration Technology Inc. F71863 Datasheet HTML 7Page - Feature Integration Technology Inc. F71863 Datasheet HTML 8Page - Feature Integration Technology Inc. F71863 Datasheet HTML 9Page - Feature Integration Technology Inc. F71863 Datasheet HTML 10Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
July, 2008
V0.29P
6
F71863
FDC
Compatible with IBM PC AT disk drive systems
Variable write pre-compensation with track selectable capability
Support vertical recording format
DMA enable logic
16-byte data FIFOs
Support floppy disk drives and tape drives
Detects all overrun and under run conditions
Built-in address mark detection circuit to simplify the read electronics
Completely compatible with industry standard 82077
360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate
UART
Two high-speed 16C550 compatible UART with 16-byte FIFOs
Fully programmable serial-interface characteristics
Baud rate up to 115.2K
Support IRQ sharing
Infrared
Support IrDA version 1.0 SIR protocol with maximum baud rate up to 115.2K bps
Parallel Port
One PS/2 compatible bi-directional parallel port
Support Enhanced Parallel Port (EPP) Compatible with IEEE 1284 specification
Support Extended Capabilities Port (ECP) Compatible with IEEE 1284
specification
Enhanced printer port back-drive current protection
Keyboard Controller
LPC interface support serial interrupt channel 1, 12.
Two 16bit Programmable Address fully decoder, default 0x60 and 0x64.
Support two PS/2 interface, one for PS/2 mouse and the other for keyboard.
Keyboard’s scan code support set1, set2.
Programmable compatibility with the 8042.
Support both interrupt and polling modes.
Fast Gate A20 and Hardware Keyboard Reset.


유사한 부품 번호 - F71863

제조업체부품명데이터시트상세설명
logo
Feature Integration Tec...
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71862FG FINTEK-F71862FG Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71869 FINTEK-F71869 Datasheet
3Mb / 116P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71869AD FINTEK-F71869AD Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
More results

유사한 설명 - F71863

제조업체부품명데이터시트상세설명
logo
Feature Integration Tec...
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
F71808E FINTEK-F71808E Datasheet
694Kb / 92P
   Super Hardware Monitor LPC I/O with Power Saving Control
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869 FINTEK-F71869 Datasheet
3Mb / 116P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com