전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4710 데이터시트(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

부품명 1N4710
상세설명  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
홈페이지  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4710 데이터시트(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N4710 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4710 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4710 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
November 2006 / C
Page 2
Li ce n s e d by ON Sem i c o n d uc to r ,
A t r ad e m ar k o f semicond u c t o r
C o mpo n e n ts I n d u s t ri es , L L C for
Ze n e r Tec h nolo g y and Pr od u c ts .
TAK CHEONG
®
ELECTRICAL CHARACTERIZATION
(TA = 25°C unless otherwise noted)
Zener Voltage
(Note 3.)
Leakage Current
VZ (Volts)
@IZT
IR @VR = 1V
IZM
(Note 4.)
Device
(Note 2.)
Device
Marking
Min
Nom
Max
(uA)
(uA Max)
(Volts)
(mA)
ΔV
Z
(Note 5.)
1N4678
1N4679
1N4680
1N4681
1N4682
1N4678
1N4679
1N4680
1N4681
1N4682
1.710
1.900
2.090
2.280
2.565
1.8
2.0
2.2
2.4
2.7
1.890
2.100
2.310
2.520
2.835
50
50
50
50
50
7.5
5
4
2
1
1
1
1
1
1
120
110
100
95
90
0.70
0.70
0.75
0.80
0.85
1N4683
1N4684
1N4685
1N4686
1N4687
1N4683
1N4684
1N4685
1N4686
1N4687
2.850
3.135
3.420
3.705
4.085
3.0
3.3
3.6
3.9
4.3
3.150
3.465
3.780
4.095
4.515
50
50
50
50
50
0.8
7.5
7.5
5
4
1
1.5
2
2
2
85
80
75
70
65
0.90
0.95
0.95
0.97
0.99
1N4688
1N4689
1N4690
1N4691
1N4692
1N4688
1N4689
1N4690
1N4691
1N4692
4.465
4.845
5.320
5.890
6.460
4.7
5.1
5.6
6.2
6.8
4.935
5.355
5.880
6.510
7.140
50
50
50
50
50
10
10
10
10
10
3
3
4
5
5.1
60
55
50
45
35
0.99
0.97
0.96
0.95
0.90
1N4693
1N4694
1N4695
1N4696
1N4697
1N4693
1N4694
1N4695
1N4696
1N4697
7.125
7.790
8.265
8.645
9.500
7.5
8.2
8.7
9.1
10
7.875
8.610
9.135
9.555
10.500
50
50
50
50
50
1
1
1
1
1
5.7
6.2
6.6
6.9
7.6
31.8
29.0
27.4
26.2
24.8
0.75
0.50
0.10
0.08
0.10
1N4698
1N4699
1N4700
1N4701
1N4702
1N4698
1N4699
1N4700
1N4701
1N4702
10.45
11.40
12.35
13.30
14.25
11
12
13
14
15
11.55
12.60
13.65
14.70
15.75
50
50
50
50
50
0.05
0.05
0.05
0.05
0.05
8.4
9.1
9.8
10.6
11.4
21.6
20.4
19.0
17.5
16.3
0.11
0.12
0.13
0.14
0.15
1N4703
1N4704
1N4705
1N4706
1N4707
1N4703
1N4704
1N4705
1N4706
1N4707
15.20
16.15
17.10
18.05
19.00
16
17
18
19
20
16.80
17.85
18.90
19.95
21.00
50
50
50
50
50
0.05
0.05
0.05
0.05
0.01
12.1
12.9
13.6
14.4
15.2
15.4
14.5
13.2
12.5
11.9
0.16
0.17
0.18
0.19
0.20
1N4708
1N4709
1N4710
1N4711
1N4712
1N4708
1N4709
1N4710
1N4711
1N4712
20.90
22.80
23.75
25.65
26.60
22
24
25
27
28
23.10
25.20
26.25
28.35
29.40
50
50
50
50
50
0.01
0.01
0.01
0.01
0.01
16.7
18.2
19.0
20.4
21.2
10.8
9.9
9.5
8.8
8.5
0.22
0.24
0.25
0.27
0.28
1N4713
1N4714
1N4715
1N4716
1N4717
1N4713
1N4714
1N4715
1N4716
1N4717
28.50
31.35
34.20
37.05
40.85
30
33
36
39
43
31.50
34.65
37.80
40.95
45.15
50
50
50
50
50
0.01
0.01
0.01
0.01
0.01
22.8
25.0
27.3
29.6
32.6
7.9
7.2
6.6
6.1
5.5
0.30
0.33
0.36
0.39
0.43
VF Forward Voltage = 1.5V max @ IF = 100mA for all types


유사한 부품 번호 - 1N4710

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4710 VISHAY-1N4710 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Compensated Deuices Inc...
1N4710 CDI-DIODE-1N4710 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4710 GE-1N4710 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Knox Semiconductor, Inc
1N4710 KNOX-1N4710 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
Microsemi Corporation
1N4710 MICROSEMI-1N4710 Datasheet
48Kb / 1P
   SILICON 250 mW ZENER DIODES
More results

유사한 설명 - 1N4710

제조업체부품명데이터시트상세설명
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com