전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX79C150 데이터시트(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

부품명 BZX79C150
상세설명  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
홈페이지  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

BZX79C150 데이터시트(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  BZX79C150 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX79C150 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX79C150 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd BZX79C150 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
November 2006 / C
Page 3
L i c e n s e d b y O N S e m i c o n d u c t o r ,
A t r a d e m a r k o f s e m i c o n d u c t o r
C o m p o n e n t s
I n d u s t r i e s ,
L L C
f o r
Z e n e r T e c h n o l o g y a n d P r o d u c t s .
TAK CHEONG
®
ELECTRICAL CHARACTERIZATION
(TA = 25°C unless otherwise noted)
Zener Voltage (Note 3.)
Zener
Impedance
(Note 4.)
Leakage Current
θVBR
VZ (Volts)
@IZT
ZZT @IZT
IR @ VR
(mV/℃)
C
VZ = 0,
F = 1.0MHZ
Device
(Note 2.)
Device
Marking
Min
Max
(mA)
(Ω)
(uA Max)
(Volts)
Min
Max
(pF)
BZX79C110
BZX79C120
BZX79C130
BZX79C150
BZX79C160
79C110
79C120
79C130
79C150
79C160
104
114
124
138
153
116
127
141
156
171
1
1
1
1
1
650
800
950
1250
1400
0.1
0.1
0.1
0.1
0.1
84
91
99
114
122
63
69
75
87
93
131
144
158
185
200
26
24
23
21
20
BZX79C180
BZX79C200
79C180
79C200
168
188
191
212
1
1
1700
2000
0.1
0.1
137
152
105
120
228
255
18
17
VF Forward Voltage = 1.5V max @ IF = 100mA for all types
2. TOLERANCE AND VOLTAGE DESIGNATION
The type numbers listed have zener voltage min/max limits as shown.
3. REVERSE ZENER VOLTAGE (VZ)
Reverse zener voltage is measured under pulse conditions such that TJ is no more than 2℃ above TA.
4. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT is measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) =
0.1 IZ(DC) with AC frequency = 60Hz.


유사한 부품 번호 - BZX79C150

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BZX79C150 FAIRCHILD-BZX79C150 Datasheet
47Kb / 5P
   Zeners
logo
Tak Cheong Electronics ...
BZX79C150 TAK_CHEONG-BZX79C150 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
BZX79C150 SEMTECH_ELEC-BZX79C150 Datasheet
244Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX79C150 NJSEMI-BZX79C150 Datasheet
132Kb / 2P
   ZENER DIODES
logo
Motorola, Inc
BZX79C150RL MOTOROLA-BZX79C150RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
More results

유사한 설명 - BZX79C150

제조업체부품명데이터시트상세설명
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com