전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1N957B 데이터시트(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

부품명 TC1N957B
상세설명  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
홈페이지  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N957B 데이터시트(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N957B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N957B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N957B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
November 2006/ B
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
ZZK @ IZK = 0.25mA
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
TC1N977B
47
2.7
105
1500
5
35.8
TC1N978B
51
2.5
125
1500
5
38.8
TC1N979B
56
2.2
150
2000
5
42.6
VF Forward Voltage = 1.5 V Maximum @ IF = 200 mA for all types
Notes:
1. TOLERANCE AND VOLTAGE DESIGNATION
The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of ±5%. Suffix A =
±10%, Suffix C = ±2% and D = ±1%.
2. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery,
contact you nearest Tak Cheong representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction
in thermal equilibrium.
4. ZENER IMPEDANCE (ZZ) DERIVATION
Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the
dc zener current (IZT) is superimposed to IZT .


유사한 부품 번호 - TC1N957B

제조업체부품명데이터시트상세설명
logo
Tak Cheong Electronics ...
TC1N957B TAK_CHEONG-TC1N957B Datasheet
570Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N957B TAK_CHEONG-TC1N957B_10 Datasheet
570Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - TC1N957B

제조업체부품명데이터시트상세설명
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com