전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HV518 데이터시트(PDF) 2 Page - Supertex, Inc

부품명 HV518
상세설명  32-Channel Vacuum-Fluorescent Display Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV518 데이터시트(HTML) 2 Page - Supertex, Inc

  HV518 Datasheet HTML 1Page - Supertex, Inc HV518 Datasheet HTML 2Page - Supertex, Inc HV518 Datasheet HTML 3Page - Supertex, Inc HV518 Datasheet HTML 4Page - Supertex, Inc HV518 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
HV518
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IDD
Supply current
10
mA
VDD = 5V, fCH = 6.0 MHz
IDDQ
Quiescent supply current
0.5
mA
VDD = 5.5V, VIN = 0V
I
PP
Supply current
12
mA
Output high, T
A = -40°C
710mA
Output high, TA = 0 to +85°C
500
µA
Outputs low
V
OH
High-level output voltage
HVoutput
70.0
V
I
OH= -25mA
Serial output
4.5
4.9
5
V
VDD = 5V, IOH = -20µA
VOL
Low-level output
HVoutput
5
V
IOL= 1mA
Serial output
0.06
0.8
V
I
OL =20µA
IIH
High-level logic input current
0.1
1
µAVIH = VDD
IIL
Low-level logic input current
-0.1
-1
µAVIL = 0V
Note: The total number of ON outputs times the duty cycle must not exceed the allowable package power disspation.
Electrical Characteristics
(over recommended ranges of operating free-air temperature and VDD. Unless otherwise noted, VPP = 80V)
Symbol
Parameter
Min
Max
Unit
Conditions
td
Delay time, Clock to data output
VDD = 4.5V
600
ns
CL =15 pF
See Figure 4
tDHL
Delay time, high-to-low-level,
from latch enable
VDD = 4.5V
1.5
µs
See Figure 5
HVoutput
from strobe
1
See Figure 6
t
DLH
Delay time, low-to-high-level
from latch enable
V
DD = 4.5V
1.5
µs
See Figure 5
HVoutput
from strobe
1
See Figure 6
t
THL
Transition time, high-to-low-level, HVoutput
V
DD = 4.5V
3
µs
See Figure 6
t
TLH
Transition time, low-to-high-level, HVoutput
V
DD = 4.5V
2.5
µs
See Figure 6
Switching Characteristics (V
PP = 80V, CL = 50 pF, TA = 25°C, unless otherwise noted)
Symbol
Parameter
Min
Max
Units
V
DD
Logic voltage supply
4.5
5.5
V
VPP
High voltage supply
8
80
V
V
IH
High-level input voltage (See Fig.3.)
V
DD = 4.5V
3.5
V
V
IL
Low-level input voltage (See Fig. 3.)
V
DD = 4.5V
1
V
IOH
High-level output current
-25
mA
I
OL
Low-level output current
2
mA
f
CLK
Clock frequency (see Figure 3)
V
DD = 4.5V
6.0
MHz
tw(CKH)
Pulse duration , clock high
VDD = 4.5V
83
ns
t
w(CKL)
Pulse duration , clock low
V
DD = 4.5V
83
ns
t
su
Setup time, data before clock
V
DD = 4.5V
75
ns
th
Hold time, data after clock
VDD = 4.5V
75
ns
T
A
Operating free-air temperature
-40
85
°C
Note:
Power-up sequence should be the following:
1. Connect ground.
4.
Apply VPP.
2. Apply VDD.5. The VPP should not drop below VDD or float during operation.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
Power-down sequence should be the reverse of the above.
Recommended Operating Conditions (T
A = 25°C, unless otherwise noted)


유사한 부품 번호 - HV518

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
HV518 SUTEX-HV518 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518P-G SUTEX-HV518P-G Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518P-G SUTEX-HV518P-G Datasheet
885Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518PJ-G SUTEX-HV518PJ-G Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518PJ-G SUTEX-HV518PJ-G Datasheet
885Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
More results

유사한 설명 - HV518

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
HV518 SUTEX-HV518_07 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518 SUTEX-HV518_13 Datasheet
885Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
logo
National Semiconductor ...
DS8881 NSC-DS8881 Datasheet
124Kb / 6P
   Vacuum Fluorescent Display Driver
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
   Vacuum Fluorescent Display (VFD) Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022 Datasheet
262Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022_05 Datasheet
654Kb / 7P
   Vacuum Fluorescent Display Filament Driver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com