전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC555N 데이터시트(PDF) 4 Page - IK Semicon Co., Ltd

부품명 ILC555N
상세설명  CMOS general purpose timer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IKSEMICON [IK Semicon Co., Ltd]
홈페이지  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILC555N 데이터시트(HTML) 4 Page - IK Semicon Co., Ltd

  ILC555N Datasheet HTML 1Page - IK Semicon Co., Ltd ILC555N Datasheet HTML 2Page - IK Semicon Co., Ltd ILC555N Datasheet HTML 3Page - IK Semicon Co., Ltd ILC555N Datasheet HTML 4Page - IK Semicon Co., Ltd ILC555N Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ILC555
AC ELECTRICAL CHARACTERISTICS
Test Conditions
Value
Parameter, unit
Symbol
RL, CL
VCC,
V
Min
Max
Tempe-
rature, °
С
Rise (Fall) Time of Output,
ns
tTHL, tTLH RL = 10 МΩ, CL = 10 pF
5.0
35
75
25
±10
70
150
-20, 70
Guaranteed Max Osc Freq,
kHz
fMAX
Astable Operation
500
25
±10
2.0-
18.0
200
-20, 70
Initial accuracy
, %
5
Drift with
Temperature
, %/°С
αf
5.0
0.02
-20, 70
10.0
0.03
15.0
0.06
Drift with Supply Voltage,
Δf
5.0
3
25
±10
%/В
RL = 1 - 100 kΩ,
CL = 0.1 μF
6
-20, 70
COMPARATOR A
THRESHOLD
TRIGGER
COMPARATOR B
Figura 1. Block Diagram
t
THL
t
TLH
t
HL
TRIGGER
GND
V
CC
GND
V
CC
OUTPUT
0.9
0.1
0.1
0.9
0.9
0.1
Figura 2. Switcing Waveforms
4


유사한 부품 번호 - ILC555N

제조업체부품명데이터시트상세설명
logo
Integral Corp.
ILC555N INTEGRAL-ILC555N Datasheet
244Kb / 5P
   CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555N IKSEMICON-ILC555N Datasheet
161Kb / 5P
   CMOS general purpose timer
More results

유사한 설명 - ILC555N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ICM7555IN NXP-ICM7555IN Datasheet
130Kb / 22P
   General purpose CMOS timer
Rev. 02-3 August 2009
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
   CMOS general purpose timer
logo
Integral Corp.
ILC555 INTEGRAL-ILC555 Datasheet
244Kb / 5P
   CMOS general purpose timer
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
   General purpose CMOS timer
Rev. 02-3 August 2009
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
   General purpose CMOS timer
August 31, 1994
logo
KODENSHI_AUK CORP.
KKC555 KODENSHI-KKC555 Datasheet
263Kb / 5P
   CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555QDT IKSEMICON-ILC555QDT Datasheet
501Kb / 5P
   CMOS general purpose timer
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
   General-Purpose Timer
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
   General purpose timer
logo
Sanyo Semicon Device
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
   General-Purpose Timer?
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com