전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU207 데이터시트(PDF) 3 Page - Mospec Semiconductor

부품명 BU207
상세설명  POWER TRANSISTORS(5.0A,1300-1500V,55W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BU207 데이터시트(HTML) 3 Page - Mospec Semiconductor

  BU207 Datasheet HTML 1Page - Mospec Semiconductor BU207 Datasheet HTML 2Page - Mospec Semiconductor BU207 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


유사한 부품 번호 - BU207

제조업체부품명데이터시트상세설명
logo
Seme LAB
BU207 SEME-LAB-BU207 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BU207 ISC-BU207 Datasheet
270Kb / 2P
   isc Silicon NPN Power Transistor
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BU207 NJSEMI-BU207 Datasheet
157Kb / 3P
   HORIZONTAL DEFLECTION TRANSISTOR
More results

유사한 설명 - BU207

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BU204 MOSPEC-BU204 Datasheet
116Kb / 3P
   POWER TRANSISTORS(2.5A,1300-1500V,36W)
2SD868 MOSPEC-2SD868 Datasheet
122Kb / 3P
   POWER TRANSISTORS(2.5A,1500V,50W)
2SC1875 MOSPEC-2SC1875 Datasheet
111Kb / 3P
   POWER TRANSISTORS(4.5A,1500V,50W)
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
   POWER TRANSISTORS(5A,1500V,125W)
2SD1426 MOSPEC-2SD1426 Datasheet
125Kb / 3P
   POWER TRANSISTORS(3.5A,1500V,80W)
2SD897A MOSPEC-2SD897A Datasheet
123Kb / 3P
   POWER TRANSISTORS(1.5A,1500V,50W)
2SD870 MOSPEC-2SD870 Datasheet
124Kb / 3P
   POWER TRANSISTORS(5A,1500V,50W)
2SC1325A MOSPEC-2SC1325A Datasheet
112Kb / 3P
   POWER TRANSISTORS(6.0A,1500V,80W)
2SD871 MOSPEC-2SD871 Datasheet
118Kb / 3P
   POWER TRANSISTORS(6A,1500V,50W)
2N4901 MOSPEC-2N4901 Datasheet
171Kb / 4P
   POWER TRANSISTORS(5.0A,87.5W)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com