전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT64W 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 BAT64W
상세설명  Silicon Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT64W 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT64W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT64W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Silicon Schottky Diodes
BAT64W;BAT64-04W
BAT64-05W;BAT64-06W
Features
For low-loss, fast-recovery, meter protection,
bias isolation and clamping applications
Integrated diffused guard ring
Low forward voltage
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
D iode re v e rs e v oltage
V R
40
V
F o rw ard c urrent
IF
250
m A
A v erage fo rw ard c urrent (50/60H z , sinus)
IFA V
120
m A
S u rg e fo rw a rd c u rre n t (t
100m s)
IFS M
800
m A
T o ta l pow er dissipatio n
B A T 64W , T S
120
P to t
250
m W
T o ta l pow er dissipatio n
B A T 64-04/06W , T S
111
P to t
250
m W
T o ta l pow er dissipatio n
B A R 64-05W ,
T S
104
P to t
250
m W
Junction te m perature
T j
150
S torage te m perature
T stg
-5 0 to+ 150
Junction - a m b ient
(N ote 1 )
B A T 64W
R th JA
255
Junction - a m b ient
(N ote 1 )
B A T 64-04/06W
R th JA
290
Junction - a m b ient
(N ote 1 )
B A T 64-05W
R th JA
455
Junction - s olderin g point
B A T 64W
R th JS
120
Junction - s olderin g point
B A T 64-04/06W
R th JS
155
Junction - s olderin g point
B A T 64-05W
R th JS
185
No te
1.P a ckage m ounted on epoxy p cb 40m m
40m m
1.5m m / 6cm 2 C u
K/W
K/W


유사한 부품 번호 - BAT64W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT64W SIEMENS-BAT64W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Diodes Incorporated
BAT64W DIODES-BAT64W Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64W-13-F DIODES-BAT64W-13-F Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
BAT64W-7-F DIODES-BAT64W-7-F Datasheet
318Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
November 2018 Rev. 5 - 2
More results

유사한 설명 - BAT64W

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com