전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT68-06 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 BAT68-06
상세설명  Silicon Schottky Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT68-06 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT68-06 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT68-06 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAT68;BAT68-04
BAT68-05;BAT68-06
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Breakdown voltage
V(BR)
I(BR) =10
A
8V
VR =1V
0.1
VR =1V, TA =60
1.2
IF = 1 mA
318
340
IF = 10 mA
340
390
500
Diode capacitance
CT
VR = 0 ,f= 1 MHz
1
pF
Differential forward resistance
RF
IF =5mA, f =10kHz
10
Reverse current
IR
A
Forward voltage
VF
mV
Marking
Type
BAT68
BAT68-04
BAT68-05
BAT68-06
Marking
83s
84s
85s
86s


유사한 부품 번호 - BAT68-06

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAT68-06 INFINEON-BAT68-06 Datasheet
487Kb / 8P
   Silicon Schottky Diodes
Feb-03-2003
BAT68-06 INFINEON-BAT68-06 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT68-06 INFINEON-BAT68-06 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT68-06 INFINEON-BAT68-06 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
logo
Siemens Semiconductor G...
BAT68-06W SIEMENS-BAT68-06W Datasheet
84Kb / 4P
   Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
More results

유사한 설명 - BAT68-06

제조업체부품명데이터시트상세설명
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com