전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC500ACOE 데이터시트(PDF) 11 Page - TelCom Semiconductor, Inc

부품명 TC500ACOE
상세설명  PRECISION ANALOG FRONT ENDS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELCOM [TelCom Semiconductor, Inc]
홈페이지  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC500ACOE 데이터시트(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC500ACOE Datasheet HTML 7Page - TelCom Semiconductor, Inc TC500ACOE Datasheet HTML 8Page - TelCom Semiconductor, Inc TC500ACOE Datasheet HTML 9Page - TelCom Semiconductor, Inc TC500ACOE Datasheet HTML 10Page - TelCom Semiconductor, Inc TC500ACOE Datasheet HTML 11Page - TelCom Semiconductor, Inc TC500ACOE Datasheet HTML 12Page - TelCom Semiconductor, Inc TC500ACOE Datasheet HTML 13Page - TelCom Semiconductor, Inc TC500ACOE Datasheet HTML 14Page - TelCom Semiconductor, Inc TC500ACOE Datasheet HTML 15Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
3-29
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514
Figure 6. Noise
S
N
TH
Low
REF
S
N
TH
Normal
V
REF
S
N
TH
High
30
µV
V
REF
SLOPE (S) =
NTH = Noise Threshold
VREF
RINT CINT
Figure 7. Overshoot
INTEGRATOR
OUTPUT
COMPARATOR
OUTPUT COMP
INTEGRATE
PHASE
DEINTEGRATE PHASE
INTEGRATOR
ZERO PHASE
ZERO
CROSSING
OVERSHOOT


Figure 8 shows the overall timing for a typical system in
which a TC5xx is interfaced to a microcontroller. The
microcontroller drives the A, B inputs with I/O lines and
monitors the comparator output, CMPTR, using an I/O line
or dedicated timer-capture control pin. It may be necessary
to monitor the state of the CMPTR output in addition to
having it control a timer directly for the Reference Deintegra-
tion phase. (This is further explained below.)
The timing diagram in Figure 8 is not to scale as the
timing in a real system depends on many system parameters
and component value selections. There are four critical
timing events (as shown in Figure 8): sampling the input
polarity; capturing the deintegration time; minimizing over-
shoot and properly executing the Integrator Output Zero
phase.
Auto-Zero Phase
The length of this phase is usually set to be equal to the
Input Signal Integration time. This decision is virtually arbi-
trary since the magnitudes of the various system errors are
not known. Setting the Auto-Zero time equal to the Input
Integrate time should be more than adequate to null out
system errors. The system may remain in this phase indefi-
nitely, i.e., Auto-Zero is the appropriate idle state for a TC5xx
device.
Input Signal Integrate Phase
The length of this phase is constant from one conversion
to the next and depends on system parameters and compo-
nent value selections. The calculation of tINT is shown
elsewhere in this data sheet. At some point near the end of
this phase, the microcontroller should sample CMPTR to
determine the input signal polarity. This value is, in effect,
the Sign Bit for the overall conversion result. Optimally,
CMPTR should be sampled just before this phase is termi-
nated by changing AB from 10 to 11. The consideration here
)
DESIGN CONSIDERATIONS
Noise
The threshold noise (NTH) is the algebraic sum of the
integrator noise and the comparator noise. This value is
typically 30
µV. Figure 6 shows how the value of the refer-
ence voltage can affect the final count. Such errors can be
reduced by increased integration times, in the same way
that 50/60Hz noise is rejected. The signal-to-noise ratio is
related to the integration time (tINT) and the integration time
constant (RINT) (CINT) as follows:
S/N (dB) = 20 Log
VIN
tINT
30 x 10–6
(RINT) • (CINT)
System Timing
To obtain maximum performance from the TC5xx, the
overshoot at the end of the Deintegration phase must be
minimized. Also, the Auto Zero phase must be terminated as
soon as the comparator output returns high. (See timing
diagram, Figure 8).
(


유사한 부품 번호 - TC500ACOE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC500ACOE MICROCHIP-TC500ACOE Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC500ACOE MICROCHIP-TC500ACOE Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500ACOE MICROCHIP-TC500ACOE Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
TC500ACOE713 MICROCHIP-TC500ACOE713 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500ACOE713 MICROCHIP-TC500ACOE713 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
More results

유사한 설명 - TC500ACOE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com