전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1252 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SD1252
상세설명  Silicon NPN Triple Diffusion Junction Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1252 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1252 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1252 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Silicon NPN Triple Diffusion Junction Type
2SD1252,2SD1252A
Features
Power transistors.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
2SD1252
60
V
2SD1252A
80
V
Collector-emitter voltage
2SD1252
60
V
2SD1252A
80
V
Emitter-base voltage
VEBO
6V
Collector current
IC
3A
Peak collector current
ICP
5A
Collector power dissipation
Ta = 25
1.3
W
Tc = 25
35
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
VCBO
VCEO
PC


유사한 부품 번호 - 2SD1252

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1252 PANASONIC-2SD1252 Datasheet
50Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
logo
Guangdong Kexin Industr...
2SD1252-P KEXIN-2SD1252-P Datasheet
1Mb / 2P
   NPN Transistors
2SD1252-Q KEXIN-2SD1252-Q Datasheet
1Mb / 2P
   NPN Transistors
2SD1252-Q KEXIN-2SD1252-Q Datasheet
1Mb / 2P
   NPN Transistors
More results

유사한 설명 - 2SD1252

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SD1251 KEXIN-2SD1251 Datasheet
41Kb / 2P
   Silicon NPN Triple Diffusion Junction Type
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SD1251 PANASONIC-2SD1251 Datasheet
50Kb / 2P
   Silicon NPN triple diffusion junction type(For power amplification)
2SC3869 PANASONIC-2SC3869 Datasheet
51Kb / 3P
   Silicon NPN triple diffusion type
2SC5909 PANASONIC-2SC5909 Datasheet
78Kb / 3P
   Silicon NPN triple diffusion mesa type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
2SC5884 PANASONIC-2SC5884 Datasheet
75Kb / 3P
   Silicon NPN triple diffusion mesa type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com