전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FZT955 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 FZT955
상세설명  NPN Silicon Planar High Voltage Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT955 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT955 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT955 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-100ìA
-180
-210
V
Collector-Emitter Breakdown Voltage
V(BR)CER
IC=-1ìA, RB
1kÙ
-180
-210
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA*
-140
-170
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-100ìA
-6
-8
V
VCB=-150V
-50
nA
VCB=-150V,Tamb=100
-1
ìA
VCB=-150V
-50
nA
VCB=-150V,Tamb=100
-1
ìA
Emitter Cut-Off Current
IEBO
VEB=-6V
-10
nA
IC=-100mA, IB=-5mA*
-30
-60
mV
IC=-500mA,IB=-50mA*
-70
-120
mV
IC=-1A, IB=-100mA*
-110
-150
mV
IC=-3A, IB=-300mA*
-275
-370
mV
Base-Emitter Saturation Voltage
VBE(sat)
IC=-3A, IB=-300mA*
-970
-1110
mV
Base-Emitter Turn-On Voltage
VBE(on)
IC=-3A, VCE=-5V*
-830
-950
mV
IC=-10mA, VCE=-5V*
100
200
IC=-1A, VCE=-5V*
100
200
300
IC=-3A, VCE=-5V*
75
140
IC=-10A, VCE=-5V*
10
Transition Frequency
fT
IC=-100mA, VCE=-10V,f=50MHz
110
MHz
Output Capacitance
Cobo
VCB=-20V, f=1MHz
40
pF
ton
IC=-1A, IB1=-100mA
68
ns
toff
IB2=100mA, VCC=-50V
1030
ns
*Measured under pulsed conditions. Pulse width=300ìs. Duty cycle
2%
Switching Times
Collector-Emitter Saturation Voltage
Collector Cut-Off Current (R
1kÙ)
Collector Cut-Off Current
ICBO
ICER
Static Forward Current Transfer Ratio
VCE(sat)
hFE
FZT955;FZT956


유사한 부품 번호 - FZT955

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FZT955 ZETEX-FZT955 Datasheet
115Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT955 ZETEX-FZT955 Datasheet
228Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Micro Commercial Compon...
FZT955 MCC-FZT955 Datasheet
641Kb / 4P
   PNP Plastic-Encapsulate Transistors
More results

유사한 설명 - FZT955

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
   NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
BSP19 ZETEX-BSP19 Datasheet
42Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST39 ZETEX-BST39 Datasheet
12Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX458 ZETEX-FCX458 Datasheet
18Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com