전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP70-03 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 BAP70-03
상세설명  Silicon PIN diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAP70-03 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAP70-03 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Silicon PIN diode
BAP70-03
Features
High voltage, current controlled RF resistor forattenuators
Low diode capacitance
Very low series inductance.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Min
Max
Unit
continuous reverse voltage
VR
50
V
continuous forward current
IF
100
mA
total power dissipation
Ts = 90
Ptot
500
mW
storage temperature
Tstg
-65
+150
junction temperature
Tj
-65
+150
thermal resistance from junction to soldering point
Rth j-s
120
K/W
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Typ
Max
Unit
forward voltage
VF
IF = 50 mA
0.95
1.1
V
reverse leakage current
IR
VR = 30 V
20
nA
VR = 0;f= 1 MHz
570
VR = 1 V; f = 1 MHz
400
VR = 5 V; f = 1 MHz
270
VR = 20V; f = 1 MHz
200
250
IF = 0.5 mA; f = 100 MHz
77
100
IF = 1 mA;f= 100 MHz
40
50
IF = 10 mA; f = 100 MHz
5.4
7
IF = 100 mA; f = 100 MHz
1.4
1.9
when switched from IF =10mA toIR =6mA;
RL = 100
;measured at IR =3mA
series inductance
LS
IF = 100 mA; f = 100 MHz
1.5
nH
fF
diode capacitance
Cd
rD
diode forward resistance
ìs
L
charge carrier life time
1.25
Marking
Marking
A9


유사한 부품 번호 - BAP70-03

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP70-03 PHILIPS-BAP70-03 Datasheet
58Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP70-03 NXP-BAP70-03 Datasheet
225Kb / 7P
   Silicon PIN diode
Rev. 05 - 27 March 2007
BAP70-03 NXP-BAP70-03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP70-03 PHILIPS-BAP70-03_04 Datasheet
51Kb / 7P
   Silicon PIN diode
2004 Feb 10
BAP70-03 PHILIPS-BAP70-03_15 Datasheet
117Kb / 8P
   Silicon PIN diode
Rev. 6-7 March 2014
More results

유사한 설명 - BAP70-03

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com