전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1PS59SB21 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 1PS59SB21
상세설명  Schottky barrier diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1PS59SB21 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1PS59SB21 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
Ultra fast switching speed
Low forward voltage
Guard ring protoected
Small SMD package.
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
IF =10mA
300
IF = 100 mA
420
IF = 200 mA
550
VR =35V
15
A
VR =35V, Tj = 100
,note 1
3mA
diode capacitance
Cd
f= 1MHz;VR =0V
40
50
pF
thermal resistance from junction to ambient
Rth j-a
500
K/W
Note
1. Pulse test: tp = 300
s; ä = 0.02.
mV
forward voltage
VF
IR
reverse current
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Min
Max
Unit
Continuous reverse voltage
VR
40
V
Continuous forward current
IF
200
mA
Non-repetitive peak forwrad current
IFSM
1A
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
125
Marking
Marking
21
Schottky barrier diode
1PS59SB21


유사한 부품 번호 - 1PS59SB21

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS59SB21 PHILIPS-1PS59SB21 Datasheet
46Kb / 8P
   Schottky barrier diode
1999 May 05
More results

유사한 설명 - 1PS59SB21

제조업체부품명데이터시트상세설명
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com