전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC9400EJD 데이터시트(PDF) 7 Page - TelCom Semiconductor, Inc

부품명 TC9400EJD
상세설명  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELCOM [TelCom Semiconductor, Inc]
홈페이지  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9400EJD 데이터시트(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC9400EJD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC9400EJD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC9400EJD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9400EJD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9400EJD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9400EJD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9400EJD Datasheet HTML 9Page - TelCom Semiconductor, Inc TC9400EJD Datasheet HTML 10Page - TelCom Semiconductor, Inc TC9400EJD Datasheet HTML 11Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
3-293
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402
Output Common
The sources of both the Freq/2 out and the Pulse Freq
Out are connected to this pin. An output level swing from the
drain voltage to ground or to the VSS supply may be obtained
by connecting this pin to the appropriate point.
RBIAS
An external resistor, connected to VSS, sets the bias
point for the TC9400. Specifications for the TC9400 are
based on RBIAS = 100kΩ ±10%, unless otherwise noted.
Increasing the maximum frequency of the TC9400
beyond 100kHz is limited by the pulse width of the Pulse
Output (typically 3
µsec). Reducing RBIAS will decrease the
pulse width and increase the maximum operating frequency,
but linearity errors will also increase. RBIAS can be reduced
to 20k
Ω, which will typically produce a maximum full scale
frequency of 500kHz.
Amplifier Out
The output stage of the operational amplifier. During
V/F operation, a negative-going ramp signal is available at
this pin. In the F/V mode, a voltage proportional to the
frequency input is generated.
Zero Adjust
This pin is the noninverting input of the operational
amplifier. The low-frequency set point is determined by
adjusting the voltage at this pin.
IIN
The inverting input of the operational amplifier and the
summing junction when connected in the V/F mode. An
input current of 10
µA is specified, but an overrange current
up to 50
µA can be used without detrimental effect to the
circuit operation. IIN connects the summing junction of an
operational amplifier. Voltage sources cannot be attached
directly, but must be buffered by external resistors.
VREF
A reference voltage from either a precision source or the
VSS supply is applied to this pin. Accuracy of the TC9400 is
dependent on the voltage regulation and temperature char-
acteristics of the reference circuitry.
Since the TC9400 is a charge balancing V/F converter,
the reference current will be equal to the input current. For
this reason, the DC impedance of the reference voltage
source must be kept low enough to prevent linearity errors.
For linearity of 0.01%, a reference impedance of 200
Ω or
less is recommended. A 0.1
µF bypass capacitor should be
connected from VREF to ground.
VREF Out
The charging current for CREF is supplied through this
pin. When the op amp output reaches the threshold level,
this pin is internally connected to the reference voltage and
a charge, equal to VREF x CREF, is removed from the
integrator capacitor. After about 3
µsec, this pin is internally
connected to the summing junction of the op amp to dis-
charge CREF. Break-before-make switching ensures that
the reference voltage is not directly applied to the summing
junction.
V/F CONVERTER DESIGN INFORMATION
Input/Output Relationships
The output frequency (fOUT) is related to the analog input
voltage (VIN) by the transfer equation:
Frequency out =
×
External Component Selection
RIN
The value of this component is chosen to give a full-
scale input current of approximately 10
µA:
RIN
.
Example:
Note that the value is an approximation and the exact
relationship is defined by the transfer equation. In practice,
the value of RIN typically would be trimmed to obtain full-
scale frequency at VIN full scale (see "Adjustment Proce-
dure"). Metal film resistors with 1% tolerance or better are
recommended for high-accuracy applications because of
their thermal stability and low-noise generation.
CINT
The exact value is not critical but is related to CREF by
the relationship:
3CREF ≤ CINT ≤ 10 CREF.
Improved stability and linearity are obtained when
CINT ≤ 4CREF. Low-leakage types are recommended,
although mica and ceramic devices can be used in applica-
tions where their temperature limits are not exceeded.
Locate as close as possible to pins 12 and 13.
VIN
RIN
1
(VREF) (CREF)
VIN Full Scale
10
µA
RIN
= 1M
Ω.
10V
10
µA


유사한 부품 번호 - TC9400EJD

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC9400EJD MICROCHIP-TC9400EJD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
More results

유사한 설명 - TC9400EJD

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com