전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4472 데이터시트(PDF) 6 Page - TEMIC Semiconductors

부품명 TDA4472
상세설명  Video-IF and Quasi Parallel Sound Processing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4472 데이터시트(HTML) 6 Page - TEMIC Semiconductors

Back Button TDA4472 Datasheet HTML 2Page - TEMIC Semiconductors TDA4472 Datasheet HTML 3Page - TEMIC Semiconductors TDA4472 Datasheet HTML 4Page - TEMIC Semiconductors TDA4472 Datasheet HTML 5Page - TEMIC Semiconductors TDA4472 Datasheet HTML 6Page - TEMIC Semiconductors TDA4472 Datasheet HTML 7Page - TEMIC Semiconductors TDA4472 Datasheet HTML 8Page - TEMIC Semiconductors TDA4472 Datasheet HTML 9Page - TEMIC Semiconductors TDA4472 Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TDA4472-M
TELEFUNKEN Semiconductors
Rev. A2, 15-Oct-96
Preliminary Information
6 (14)
Electrical Characteristics
VS = +5 V, Tamb = +25°C; reference point Pin 4 (9, 16), unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
DC-supply
Pin 23
Supply voltage
– SDIP28
– SO28
VS
VS
4.5
4.5
5.0
5.0
9.0
5.5
V
V
Supply current
IS
85
93
mA
VIF-input
Pin 6-7
Input sensitivity, (RMS value)
For FPLL locked
vin
80
120
mVRMS
Input impedance
See note 1
Rin
1.2
k
W
Input capacitance
See note 1
Cin
2
pF
VIF-AGC
Pins 8 and 15
IF gain control range
Gv
60
65
dB
AGC capacitor
Pin 8
CAGC
2.2
mF
Black level capacitor
Pin 15
CBL
100
nF
Switching voltage: VCR mode
See note 2
Vsw
4.0
V
Switching current: VCR mode
See note 2
Isw
50
mA
Tuner-AGC
Pins 10 and 11 see note 3
Available tuner-AGC current
Itun
1
2
4
mA
Allowable output voltage
V11
0.3
13.5
V
IF slip – tuner AGC
Current Itun: 10 to 90%
∆GIF
8
10
dB
IF input signal for minimum
take over point
Rtop = 10 k
W (Vtop = 4.5
V)
vin
4
mV
IF input signal for maximum
take over point
Rtop = 0, (Vtop = 0.8 V)
vin
40
mV
Variation of the take over point
by temperature
∆Tamb = 55°C
VIF-AGC: Gv = 46 dB
∆vin
2
3
dB
FPLL and VCO
Pins 18, 20, 21 and 26
see note 4
Max. oscillator frequency
For carrier generation
fvco
70
MHz
Vision carrier capture range
fvco = 38.9 MHz,
Cvco = 8.2 pF
∆fcap
±1.5
±2
MHz
Oscillator drift (free running) as
function of temperature
See note 5,
∆Τamb = 55°C,
Cvco = 8.2 pF,
fvco = 38.9 MHz
∆f/∆T
–0.3
%
Video output
Pin 12
Output current
– source
– sink
±I12
2
5
3
mA
mA
Output resistance
See note 1
Rout
100
W
Video output signal
Peak-to-peak value
vo,vid
1.8
2.0
2.2
Vpp
Difference of the video signals
Between B/G and L
∆vo,vid
10
%
Sync. level
Vsync
1.2
V
Zero carrier level for neg.
modulation, ultra white level
V13 = VS
V8 = 3 V
VDC
3.4
V
Zero carrier level for pos.
modulation, ultra black level
V13 = 0
V8 = 3 V
VDC
1.15
V
Supply voltage influence on the
ultra white and ultra black level
∆V/V
1
%/V
Video bandwidth (–3 dB)
RL ≥ 1 k
W, CL ≤ 50 pF
B
6
8
MHz


유사한 부품 번호 - TDA4472

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
More results

유사한 설명 - TDA4472

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
TDA4445A TEMIC-TDA4445A Datasheet
117Kb / 8P
   Quasi Parallel Sound Processing with Quadrature Intercarrier Demodulator
logo
Siemens Semiconductor G...
TDA5830-2 SIEMENS-TDA5830-2 Datasheet
401Kb / 15P
   VIDEO IF IC WITH VTR CONNECTION AND QUASI PARALLERL SOUND
logo
TEMIC Semiconductors
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
   Quasi-Split-Sound Processing and AM-Demodulator
U4479B TEMIC-U4479B Datasheet
257Kb / 11P
   DVB-Cable IF Converter and Full Multi-Standard Video-/Sound IF Processing
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
Siemens Semiconductor G...
TDA4282T SIEMENS-TDA4282T Datasheet
215Kb / 5P
   QUASI-PARALLEL SOUND IC WITH FM IF, SYM. INPUT AND VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com