전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1007 데이터시트(PDF) 5 Page - TEMIC Semiconductors

부품명 TEA1007
상세설명  Simple Phase Control Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TEA1007 데이터시트(HTML) 5 Page - TEMIC Semiconductors

  TEA1007 Datasheet HTML 1Page - TEMIC Semiconductors TEA1007 Datasheet HTML 2Page - TEMIC Semiconductors TEA1007 Datasheet HTML 3Page - TEMIC Semiconductors TEA1007 Datasheet HTML 4Page - TEMIC Semiconductors TEA1007 Datasheet HTML 5Page - TEMIC Semiconductors TEA1007 Datasheet HTML 6Page - TEMIC Semiconductors TEA1007 Datasheet HTML 7Page - TEMIC Semiconductors TEA1007 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TEA1007
TELEFUNKEN Semiconductors
Rev. A1, 28-May-96
5 (8)
Applications
Figure 5. Phase control for fan motors – 230 V
X
Figure 6. Two-phase time-switch, 230 V
X


유사한 부품 번호 - TEA1007

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TEA1007 ETC1-TEA1007 Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

유사한 설명 - TEA1007

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
U111B TEMIC-U111B Datasheet
431Kb / 6P
   Phase Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
TEMIC Semiconductors
U208B TEMIC-U208B Datasheet
85Kb / 7P
   Open Loop Phase Control Circuit
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
   Phase Control Circuit - Tacho Applications
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
   Phase Control Circuit for Industrial Applications
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
   PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
U211B2 TEMIC-U211B2 Datasheet
322Kb / 20P
   Phase Control Circuit - General Purpose Feedback
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
   Phase Control Circuit for Current Feedback
logo
TEMIC Semiconductors
U210B TEMIC-U210B Datasheet
378Kb / 15P
   Phase Control Circuit - Load Current Feedback Applications
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com