전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1733 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SD1733
상세설명  Power Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1733 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1733 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Power Transistor
2SD1733
Features
High VCEO,VCEO=80V .
High IC,IC=1A (DC) .
Good hFE linearity .
Low VCE (sat) .
Epitaxial planer type
NPN silicon transistor
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
5V
IC
1A
IC (Pulse) *
2
A
Collector power dissipation
1
W
Tc = 25
10
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*Pw=20ms.
Collector current
PC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base voltage
BVCBO
IC=50ìA
120
V
Collector-emitter voltage
BVCEO
IC=1mA
80
V
Emitter-base voltage
BVEBO
IE=50ìA
5
V
Collector cutoff current
ICBO
VCB=100V
1
ìA
Emitter cutoff current
IEBO
VEB=4V
1
ìA
Forward current transfer ratio
hFE
VCE=3V,IC=0.5A
82
390
Collector-emitter saturation voltage
VCE(sat) IC=500mA,IB=20mA
0.15
0.4
V
Transition frequency
fT
VCE=10V, IE= -50mA, f=100MHz
100
MHz
Output capacitance
Cob
VCB=10V, IE=0A, f=1MHz
20
pF
hFE Classification
Rank
P
Q
R
hFE
82
180
120
270
180
390


유사한 부품 번호 - 2SD1733

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1733 ROHM-2SD1733 Datasheet
89Kb / 4P
   Power Transistor (80V, 1A)
2SD1733 ROHM-2SD1733 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
2SD1733 ROHM-2SD1733 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
2SD1733 ROHM-2SD1733 Datasheet
177Kb / 4P
   Power Transistor (80V, 1A)
2SD1733 ROHM-2SD1733 Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
More results

유사한 설명 - 2SD1733

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com