전자부품 데이터시트 검색엔진 |
|
4N33-X007 데이터시트(PDF) 3 Page - Vishay Siliconix |
|
4N33-X007 데이터시트(HTML) 3 Page - Vishay Siliconix |
3 / 7 page 4N32/ 4N33 Document Number 83736 Rev. 1.4, 26-Jan-05 Vishay Semiconductors www.vishay.com 3 Output 1) Indicates JEDEC registered values Coupler Current Transfer Ratio Switching Characteristics Typical Characteristics (Tamb = 25 °C unless otherwise specified) Parameter Test condition Symbol Min Typ. Max Unit Collector-emitter breakdown voltage1) IC = 100 µA, IF = 0 BVCEO 30 V Collector-base breakdown voltage1) IC = 100 µA, IF = 0 BVCBO 50 V Emitter-base breakdown voltage1) IC = 100 µA, IF = 0 BVEBO 8.0 V Emitter-collector breakdown voltage1) IC = 100 µA, IF = 0 BVECO 5.0 10 V Collector-emitter leakage current VCE = 10 V, IF = 0 ICEO 1.0 100 nA IC = 0.5 mA, VCE = 5.0 V hFE 13 Parameter Test condition Symbol Min Typ. Max Unit Colector emitter saturation voltage VCEsat 1.0 V Coupling capacitance 1.5 pF Parameter Test condition Symbol Min Typ. Max Unit Current Transfer Ratio VCE = 10 V, IF = 10 mA, CTR 500 % Parameter Test condition Symbol Min Typ. Max Unit Turn on time VCC = 10 V, IC = 50 mA ton 5.0 µs Turn off time IF = 200 mA, RL = 180 Ω toff 100 µs Figure 1. Normalized Non-saturated and Saturated CTRCE vs. LED Current i4n32-33_02 .1 1 10 100 1000 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Vce =1V Vce=5V IF - LED Current - mA Vce=5V IF =10mA Ta = 25°C Normalized to: Figure 2. Normalized Non-Saturated and Saturated Collector- Emitter Current vs. LED Current i4n32-33_03 100 1 .1 .001 .01 .1 1 10 Vce=1V Vce=5V IF - LED Current - mA Ta = 25°C IF = 10 mA Vce=5V Normalized to: 10 |
유사한 부품 번호 - 4N33-X007 |
|
유사한 설명 - 4N33-X007 |