전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDS8928A 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KDS8928A
상세설명  Dual N & P-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDS8928A 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KDS8928A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDS8928A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KDS8928A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
Dual N & P-Channel Enhancement
Mode Field Effect Transistor
KDS8928A
Features
N-Channel
5.5A, 30V
RDS(ON) = 0.030
@VGS =4.5V
RDS(ON) = 0.038
@VGS =2.5V
P-Channel
-4 A, -20 V RDS(ON) = 0.055
@VGS =- 4.5 V
RDS(ON) = 0.070
@VGS =-2.5V
High density cell design for extremely low RDS(ON).
High power and handling capability in a widely
used surface mount package
Dual (N & P-Channel) MOSFET in surface mount package.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
N-Channel
P- Channel
Unit
Drain to Source Voltage
VDSS
30
30
V
Gate to Source Voltage
VGS
8-8
V
Drain Current Continuous (Note 1a)
5.5
-4
A
Drain Current Pulsed
20
-20
A
Power Dissipation for Single Operation
PD
W
Power Dissipation for Single Operation (Note 1a)
(Note 1b)
(Note 1c)
Operating and Storage Temperature
TJ,TSTG
Thermal Resistance Junction to Ambient (Note 1a)
R JA
/W
Thermal Resistance Junction to Case
(Note 1)
R JC
/W
-55to150
78
40
2
ID
1.6
PD
W
1
0.9


유사한 부품 번호 - KDS8928A

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KDS8958 KEXIN-KDS8958 Datasheet
78Kb / 3P
   Dual N & P-Channel PowerTrench MOSFET
More results

유사한 설명 - KDS8928A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NDH8320C FAIRCHILD-NDH8320C Datasheet
74Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8520C FAIRCHILD-NDH8520C Datasheet
228Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8521C FAIRCHILD-NDH8521C Datasheet
101Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS9958 FAIRCHILD-NDS9958 Datasheet
360Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDC7001C ONSEMI-NDC7001C Datasheet
363Kb / 10P
   Field Effect Transistor - Dual, N & P-Channel, Enhancement Mode
December, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NDS8928 FAIRCHILD-NDS8928 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS8958 FAIRCHILD-NDS8958 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
FDS8928A FAIRCHILD-FDS8928A Datasheet
285Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDS9952A KEXIN-KDS9952A Datasheet
80Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
SI4539DY FAIRCHILD-SI4539DY Datasheet
240Kb / 9P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com