전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMBT2222A 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KMBT2222A
상세설명  NPN Switching Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KMBT2222A 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KMBT2222A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KMBT2222A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KMBT2222A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
2
■ Marking
Marking
1P
KMBT2222A
■ Electrical Characteristics Ta = 25℃
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 10μA, IE = 0
75
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10 mA, IB = 0
40
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC = 10 μA, IC = 0
6
V
IE = 0; VCB = 60 V
10
nA
IE = 0; VCB = 60 V; Tj = 125 ℃
10
μA
Emitter cutoff current
IEBO
IC = 0; VEB = 3 V
10
nA
IC = 0.1 mA; VCE = 10 V
35
IC = 1 mA; VCE = 10 V
50
IC = 10 mA; VCE = 10 V
75
IC = 10 mA; VCE = 10 V; Ta = -55 ℃
35
IC= 150 mA; VCE = 10 V
100
300
IC = 150 mA; VCE = 1 V
50
IC = 500 mA; VCE = 10 V
40
IC = 150 mA; IB = 15 mA
300
mV
IC = 500 mA; IB = 50 mA
1
V
IC = 150 mA; IB = 15 mA
0.6
1.2
V
IC = 500 mA; IB = 50 mA
2
V
Delay time
td
15
ns
Rise time
tr
25
ns
Storage time
ts
IB1 = IB2 = 15 mA,
200
ns
Fall time
tf
IC = 150 mA, VCC = 30V
60
ns
Output Capacitance
Cobo
VCB = 10V, f = 1.0MHz, IE = 0
8
pF
Input Capacitance
Cibo
VEB = 0.5V, f = 1.0MHz, IC = 0
25
pF
Noise Figure
NF
VCE = 10 V, IC = 100 μA,RS = 1 kΩ, f = 1 kHz
4
dB
Transition frequency
fT
IC = 20 mA; VCE = 20 V; f = 100 MHz
300
MHz
IB1 = 15 mA, IC = 150 mA,
VCC = 30V, VBE = -0.5 V
Collector cutoff current
collector-emitter saturation voltage
VCEsat
VBEsat
ICBO
base-emitter saturation voltage
hFE
DC current gain


유사한 부품 번호 - KMBT2222A

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KMBT2222A KEXIN-KMBT2222A Datasheet
838Kb / 2P
   NPN T r ansistors
KMBT2222AT KEXIN-KMBT2222AT Datasheet
887Kb / 2P
   NPN Transistors
More results

유사한 설명 - KMBT2222A

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com