전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

KC807A 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KC807A
부품 상세설명  PNP Silicon AF Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KC807A 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KC807A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
For general AF applications.
High collector current.
High current gain.
Low collector-emitter saturation voltage.
www.kexin.com.cn
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-45
V
Emitter-base voltage
VEBO
-5
V
Collector current (DC)
IC
-500
mA
Peak collector current
ICM
-1
A
Base current
IB
-100
mA
power dissipation
PD
310
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-65to+150
PNP Silicon AF Transistors
KC807A(BC807A)
Marking
NO.
KC807A-16
KC807A-25
KC807A-40
Marking
5A
5B
5C
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
VCBO
IC =-10
A, IE =0
-50
V
VCEO
IC =-10 mA,IB =0
-45
V
VEBO
IE =-10
A, IC =0
-5
V
VCB =-25 V, IE = 0
-100
nA
VCB =-25 V, IE =0,TA = 150
-50
A
IEBO
VEB =-4V,IC = 0
-100
nA
KC807A-16
100
160
250
KC807A-25
160
250
400
KC807A-40
250
350
630
VCE(sat) IC = -500 mA, IB =-50 mA
-0.7
V
VBE(sat) IC = -500 mA, IB =-50 mA
-1.2
V
CCb
VCB = -10 V, f = 1 MHz
10
pF
Ceb
VEB = -0.5 V, f = 1 MHz
60
pF
fT
IC =-50 mA,VCE = -5 V, f = 100 MHz
200
MHz
* Pulsed: PW
350 ìs, duty cycle
2%
Base to emitter voltage *
Collector cutoff current
Collector-base capacitance
Transition frequency
Emitter-base capacitance
Collector saturation voltage *
IC = -100 mA, VCE =-1V
Parameter
Emitter cutoff current
DC current gain *
Emitter-to-base breakdown voltage
hFE
ICBO
Collector-to-base breakdown voltage
Collector-to-emitter breakdown voltage


유사한 부품 번호 - KC807A

제조업체부품명데이터시트부품 상세설명
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KC807 KEXIN-KC807 Datasheet
40Kb / 1P
   PNP Silicon AF Transistors
KC807-16 KEXIN-KC807-16 Datasheet
40Kb / 1P
   PNP Silicon AF Transistors
KC807-25 KEXIN-KC807-25 Datasheet
40Kb / 1P
   PNP Silicon AF Transistors
KC807-40 KEXIN-KC807-40 Datasheet
40Kb / 1P
   PNP Silicon AF Transistors
More results

유사한 설명 - KC807A

제조업체부품명데이터시트부품 상세설명
Infineon Technologies AG
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
Siemens Semiconductor Group
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
Infineon Technologies AG
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BC807W INFINEON-BC807W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
BCP51 INFINEON-BCP51 Datasheet
48Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
More results


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com