전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

700-N41 데이터시트(PDF) 1 Page - Allen-Bradley

부품명 700-N41
상세설명  Solid-State Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEN-BRADLEY [Allen-Bradley]
홈페이지  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-N41 데이터시트(HTML) 1 Page - Allen-Bradley

  700-N41 Datasheet HTML 1Page - Allen-Bradley 700-N41 Datasheet HTML 2Page - Allen-Bradley 700-N41 Datasheet HTML 3Page - Allen-Bradley 700-N41 Datasheet HTML 4Page - Allen-Bradley 700-N41 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bulletin 700-SK
Solid-State Relays
58
Overview/Product Selection
Product Selection
Input/Sensor Module
Output/SSR Module
Bulletin 700-SK
High Response Speed Models
Input Sensor Module to Allow High Voltage 100…240V AC or 12…24V DC Sensor
Interface to Low Voltage (Logic) Device Such as a PC
Output Module For Typical SSR Applications
LED Indicator
Input Modules and Output Modules Can Be Used With the 700-HN121 Socket
Table Of Contents
Product Selection . . . . . . . . 58
Accessories . . . . . . . . . . . . 58
Specifications . . . . . . . . . . . 60
Approximate
Dimensions . . . . . . . . . . . . . 62
Input-to-Output
Isolation Method
LED Indicator
Response
Speed
Logic Level
Rated Input Sensor
Voltage
Cat. No.
Factory-stocked
item
(Single Pack)
Supply
Voltage
Supply
Current
Photocoupler
Yes
10 Hz
4…32V DC
0.1…100 mA
100…240V AC
700-SKICA18
High-speed
(1 kHz)
12…24V DC
700-SKICZ24
Input-to-Output
Isolation Method
Zero
Cross Function
LED
Indicator
Rated
Output (Load) Max.
Current and Voltage
Range
Rated
Input Control Voltage
Cat. No.
Factory-stocked
item
(Single Pack)
Phototriac
Yes
Yes
2 A at 100…240V AC
5…24V DC
700-SKOZ2Z25
No
700-SKON2Z25
Photocoupler
N/A
2 A at 5…48V DC
700-SKOC2Z25
1.5 A at 48…200V DC
700-SKOC1Z25


유사한 부품 번호 - 700-N41

제조업체부품명데이터시트상세설명
logo
Allen-Bradley
700-N41 ALLEN-BRADLEY-700-N41 Datasheet
374Kb / 4P
   Solid-State Relays
700-N41 ALLEN-BRADLEY-700-N41 Datasheet
391Kb / 5P
   Solid-State Relays
700-N41 ALLEN-BRADLEY-700-N41 Datasheet
398Kb / 6P
   Solid-State Relays
More results

유사한 설명 - 700-N41

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com