전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

700-HN104 데이터시트(PDF) 4 Page - Allen-Bradley

부품명 700-HN104
상세설명  Solid-State Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEN-BRADLEY [Allen-Bradley]
홈페이지  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-HN104 데이터시트(HTML) 4 Page - Allen-Bradley

  700-HN104 Datasheet HTML 1Page - Allen-Bradley 700-HN104 Datasheet HTML 2Page - Allen-Bradley 700-HN104 Datasheet HTML 3Page - Allen-Bradley 700-HN104 Datasheet HTML 4Page - Allen-Bradley 700-HN104 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bulletin 700-SC
Solid-State Relays
40
Specifications, Continued
Load Current Versus Ambient Temperature Characteristics
Inrush Current Resistivity
➊ Inrush current resistivity is the ability of an SSR to withstand a large surge current for a short period of time. Surges are considered non-repetitive (max. repeatability
once every 2…5 seconds). Keep the inrush current to half the rated value if it occurs repetitively. Exceeding the non-repetitive inrush current will damage the SSR.
Characteristics
Standards
UL508, CSA C 22.2,
CE, VDE
Ambient Humidity
Operating: 45%…85% (no condensation)
Weight
Approx. 50 g
700-SC_ _3...
700-SC_ _2...
Ambient temperature (
°C)
Ambient temperature (
°C)
700-SCZ....
700-SCT...
700-SCNN2...
Energizing time (ms)
Energizing time (ms)
Energizing time (ms)
20
10
700-SCNN3...
700-SCNY3


유사한 부품 번호 - 700-HN104

제조업체부품명데이터시트상세설명
logo
Allen-Bradley
700-HN100 ALLEN-BRADLEY-700-HN100 Datasheet
398Kb / 6P
   Solid-State Relays
700-HN108 ALLEN-BRADLEY-700-HN108 Datasheet
398Kb / 6P
   Solid-State Relays
More results

유사한 설명 - 700-HN104

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com