전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

700-HT2 데이터시트(PDF) 5 Page - Allen-Bradley

부품명 700-HT2
상세설명  Solid-State Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEN-BRADLEY [Allen-Bradley]
홈페이지  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-HT2 데이터시트(HTML) 5 Page - Allen-Bradley

  700-HT2 Datasheet HTML 1Page - Allen-Bradley 700-HT2 Datasheet HTML 2Page - Allen-Bradley 700-HT2 Datasheet HTML 3Page - Allen-Bradley 700-HT2 Datasheet HTML 4Page - Allen-Bradley 700-HT2 Datasheet HTML 5Page - Allen-Bradley 700-HT2 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Bulletin 700-SA
Solid-State Relays
35
Specifications, Continued
Terminal Arrangement (Bottom View)
Basic Application Considerations
High Density Mounting of Multiple SSRs
If multiple SSRs are installed side by side be aware that the outer case wall of the SSR serves to dissipate heat. Install the relays so that they are adequately
ventilated. If poor ventilation is unavoidable, reduce the load current to half.
Protective Component
When controlling AC inductive loads, connect an inrush/surge absorbing device (varistor) across the SSR load terminals. If the SSR has built-in surge
suppression (Bulletins 700-SE and 700-SH) and additional surge suppression is required, connect the varistor across the terminals of the load device . Select
a varistor that meets the conditions of the load voltage outlined in the table below.
For additional details applying solid-state relays, refer to pub. 700-AT001A-EN-E, "Solid-State Relay Application Guide" available at
www.theautomationbookstore.com.
Load Voltage
Varistor Voltage
Varistor Surge Resistance
100…120V AC
240…270 V
1000 A min.
200…240V AC
440…470 V
380…480V AC
820…1000 V
+
(+)
(–)
(
)
Load
Load
Input
Load
power
supply
Input voltage
Note:
The plus and minus symbols shown
in parentheses are for DC loads.


유사한 부품 번호 - 700-HT2

제조업체부품명데이터시트상세설명
logo
Allen-Bradley
700-HA ALLEN-BRADLEY-700-HA Datasheet
1Mb / 13P
   General Purpose Relays
700-HA32A06 ALLEN-BRADLEY-700-HA32A06 Datasheet
1Mb / 13P
   General Purpose Relays
700-HA32A1 ALLEN-BRADLEY-700-HA32A1 Datasheet
1Mb / 13P
   General Purpose Relays
700-HA32A12 ALLEN-BRADLEY-700-HA32A12 Datasheet
1Mb / 13P
   General Purpose Relays
700-HA32A2 ALLEN-BRADLEY-700-HA32A2 Datasheet
1Mb / 13P
   General Purpose Relays
More results

유사한 설명 - 700-HT2

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com