전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

700-HA33Z06 데이터시트(PDF) 6 Page - Allen-Bradley

부품명 700-HA33Z06
상세설명  General Purpose Relays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEN-BRADLEY [Allen-Bradley]
홈페이지  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-HA33Z06 데이터시트(HTML) 6 Page - Allen-Bradley

Back Button 700-HA33Z06 Datasheet HTML 2Page - Allen-Bradley 700-HA33Z06 Datasheet HTML 3Page - Allen-Bradley 700-HA33Z06 Datasheet HTML 4Page - Allen-Bradley 700-HA33Z06 Datasheet HTML 5Page - Allen-Bradley 700-HA33Z06 Datasheet HTML 6Page - Allen-Bradley 700-HA33Z06 Datasheet HTML 7Page - Allen-Bradley 700-HA33Z06 Datasheet HTML 8Page - Allen-Bradley 700-HA33Z06 Datasheet HTML 9Page - Allen-Bradley 700-HA33Z06 Datasheet HTML 10Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image

%XOOHWLQ +$
*HQHUDO 3XUSRVH 5HOD\V
$FFHVVRULHV &RQWLQXHG
– 6XSSUHVVRUV DQG 7LPH 0RGXOHV HDVLO\ SOXJ LQWR VRFNHWV &DW 1RV +1 DQG +1  )RU XVH ZLWK %XOOHWLQ +$ UHOD\V
$77(17,21&DW 1R +7 6HULHV $ LV ZLUHG ZLWKVZLWFK³6´ FRQQHFWHG WR ³$´ EXW +7 6HULHV % LV ZLUHG ZLWKVZLWFK³6´ FRQQHFWHG WR ³$´
7KH 7LPH 0RGXOHV PXVW EH ZLUHG FRUUHFWO\ &KHFN WKH IURQW RI WKH 7LPH 0RGXOHV IRU WKH FRUUHFW ZLULQJ GLDJUDPV
'HVFULSWLRQ
3NJ
4W\
&DW 1R
)DFWRU\
VWRFNHG
,WHP
029 6XSSUHVVRU 0RGXOH –
9ROWDJH 5DQJH
9 $&
«9 '&
2UGHU PXVW EH IRU  PRGXOHV RU PXOWLSOHV RI 

+69
029 6XSSUHVVRU 0RGXOH –
9ROWDJH 5DQJH
«9 $&
«9 '&
2UGHU PXVW EH IRU  PRGXOHV RU PXOWLSOHV RI 

+69
029 6XSSUHVVRU 0RGXOH –
9ROWDJH 5DQJH
«9 $&
«9 '&
2UGHU PXVW EH IRU  PRGXOHV RU PXOWLSOHV RI 

+69
'LRGH 6XUJH 6XSSUHVVRU –
9ROWDJH 5DQJH
«9 '&
2UGHU PXVW EH IRU  PRGXOHV RU PXOWLSOHV RI 

+60'
0XOWL)XQFWLRQ 0XOWL5DQJH 7LPH 0RGXOH –
9ROWDJH UDQJH «9 $&  +] DQG «9 '& ZLWK D YROWDJH
YDULDWLRQ RI «  5HSHDW DFFXUDF\ RI   5HVHW WLPH  PV
5HIHU WR SDJH  IRU 6SHFLILFDWLRQV
(LJKW  7LPLQJ 0RGHV
(LJKW  7LPLQJ 5DQJHV

 V

 V

 PLQ

 PLQ

 KRXU

 KRXUV

 GD\  KRXUV

 GD\V  KRXUV
/(' ,QGLFDWRU

6WHDG\ *UHHQ * IRU SRZHU RQ IODVKLQJ GXULQJ WLPLQJ

+7
0XOWL)XQFWLRQ 0XOWL5DQJH 7LPH 0RGXOH –
9ROWDJH UDQJH «9 '& ZLWK D YROWDJH YDULDWLRQ RI «  5HSHDW
DFFXUDF\ RI   5HVHW WLPH  PV 5HIHU WR SDJH  IRU 6SHFLILFDWLRQV
(LJKW  7LPLQJ 0RGHV 6HH SDJH  IRU IXUWKHU GHWDLOV
(LJKW  7LPLQJ 5DQJHV

 V

 V

 PLQ

 PLQ

 KRXU

 KRXUV

 GD\  KRXUV

 GD\V  KRXUV
/(' ,QGLFDWRU

6WHDG\*UHHQ * IRU
SRZHU RQ IODVKLQJ GXULQJ WLPLQJ

+7
&DW 1R+69
&DW1R+60'
&DW 1R+7
&DW1R+7


유사한 부품 번호 - 700-HA33Z06

제조업체부품명데이터시트상세설명
logo
Allen-Bradley
700-HC ALLEN-BRADLEY-700-HC Datasheet
290Kb / 6P
   Interposing/Isolation Relays
700-HN100 ALLEN-BRADLEY-700-HN100 Datasheet
398Kb / 6P
   Solid-State Relays
700-HN103 ALLEN-BRADLEY-700-HN103 Datasheet
391Kb / 5P
   Solid-State Relays
700-HN104 ALLEN-BRADLEY-700-HN104 Datasheet
391Kb / 5P
   Solid-State Relays
700-HN108 ALLEN-BRADLEY-700-HN108 Datasheet
398Kb / 6P
   Solid-State Relays
More results

유사한 설명 - 700-HA33Z06

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
Tyco Electronics
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com