전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A3PE3000-1FGG896I 데이터시트(PDF) 18 Page - Actel Corporation

부품명 A3PE3000-1FGG896I
상세설명  ProASIC3E Flash Family FPGAs
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

A3PE3000-1FGG896I 데이터시트(HTML) 18 Page - Actel Corporation

Back Button A3PE3000-1FGG896I Datasheet HTML 14Page - Actel Corporation A3PE3000-1FGG896I Datasheet HTML 15Page - Actel Corporation A3PE3000-1FGG896I Datasheet HTML 16Page - Actel Corporation A3PE3000-1FGG896I Datasheet HTML 17Page - Actel Corporation A3PE3000-1FGG896I Datasheet HTML 18Page - Actel Corporation A3PE3000-1FGG896I Datasheet HTML 19Page - Actel Corporation A3PE3000-1FGG896I Datasheet HTML 20Page - Actel Corporation A3PE3000-1FGG896I Datasheet HTML 21Page - Actel Corporation A3PE3000-1FGG896I Datasheet HTML 22Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 152 page
background image
ProASIC3E DC and Switching Characteristics
2- 6
v1.2
Calculating Power Dissipation
Quiescent Supply Current
Power per I/O Pin
Table 2-7 •
Quiescent Supply Current Characteristics
A3PE600
A3PE1500
A3PE3000
Typical (25°C)
5 mA
12 mA
25 mA
Maximum (Commercial)
30 mA
70 mA
150 mA
Maximum (Industrial)
45 mA
105 mA
225 mA
Notes:
1. IDD Includes VCC, VPUMP, VCCI, and VMV currents. Values do not include I/O static contribution, which is
shown in Table 2-8 and Table 2-9 on page 2-7.
2. –F speed grade devices may experience higher standby IDD of up to five times the standard IDD and higher
I/O leakage.
Table 2-8 •
Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings
VMV
(V)
Static Power
PDC2 (mW)
1
Dynamic Power
PAC9 (µW/MHz)
2
Single-Ended
3.3 V LVTTL/LVCMOS
3.3
17.39
3.3 V LVTTL/LVCMOS – Schmitt trigger
3.3
25.51
2.5 V LVCMOS
2.5
5.76
2.5 V LVCMOS – Schmitt trigger
2.5
7.16
1.8 V LVCMOS
1.8
2.72
1.8 V LVCMOS – Schmitt trigger
1.8
2.80
1.5 V LVCMOS (JESD8-11)
1.5
2.08
1.5 V LVCMOS (JESD8-11) – Schmitt trigger
1.5
2.00
3.3 V PCI
3.3
18.82
3.3 V PCI – Schmitt trigger
3.3
20.12
3.3 V PCI-X
3.3
18.82
3.3 V PCI-X – Schmitt trigger
3.3
20.12
Voltage-Referenced
3.3 V GTL
3.3
2.90
8.23
2.5 V GTL
2.5
2.13
4.78
3.3 V GTL+
3.3
2.81
4.14
2.5 V GTL+
2.5
2.57
3.71
HSTL (I)
1.5
0.17
2.03
HSTL (II)
1.5
0.17
2.03
SSTL2 (I)
2.5
1.38
4.48
SSTL2 (II)
2.5
1.38
4.48
SSTL3 (I)
3.3
3.21
9.26
SSTL3 (II)
3.3
3.21
9.26
Notes:
1. PDC2 is the static power (where applicable) measured on VMV.
2. PAC9 is the total dynamic power measured on VCC and VMV.


유사한 부품 번호 - A3PE3000-1FGG896I

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
A3PE3000-1FGG896I MICROSEMI-A3PE3000-1FGG896I Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-1FGG896I MICROSEMI-A3PE3000-1FGG896I Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

유사한 설명 - A3PE3000-1FGG896I

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
A3PE1500-2FG676 MICROSEMI-A3PE1500-2FG676 Datasheet
8Mb / 164P
   ProASIC3E Flash Family FPGAs
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2PQ208 MICROSEMI-A3PE600-2PQ208 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com