전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4536 데이터시트(PDF) 6 Page - Inchange Semiconductor Company Limited

부품명 2SC4536
상세설명  isc Silicon NPN RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4536 데이터시트(HTML) 6 Page - Inchange Semiconductor Company Limited

  2SC4536 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4536 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4536 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4536 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4536 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4536 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4536
VCE = 10 V, IC = 100 mA
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.458
-145.3
20.257
101.0
0.035
53.6
0.333
-100.7
200
0.423
-169.1
10.259
91.6
0.059
71.2
0.207
-123.1
300
0.417
179.5
7.545
85.5
0.084
67.2
0.181
-136.8
400
0.422
173.6
5.390
78.0
0.103
65.6
0.179
-147.4
500
0.431
165.5
4.387
74.8
0.126
68.1
0.180
-148.8
600
0.422
160.6
3.633
70.9
0.149
67.1
0.185
-154.0
700
0.445
153.7
3.290
67.8
0.183
65.1
0.185
-157.9
800
0.432
150.5
2.864
61.6
0.197
60.4
0.188
-159.2
900
0.466
145.2
2.514
58.6
0.215
62.6
0.199
-163.7
1000
0.440
140.9
2.306
56.5
0.242
60.5
0.195
-163.9
1100
0.465
137.1
2.177
52.0
0.274
57.9
0.203
-167.3
1200
0.450
131.3
1.994
48.2
0.289
54.6
0.210
-168.5
1300
0.472
128.6
1.830
44.6
0.300
52.8
0.228
-170.8
1400
0.473
123.5
1.723
44.0
0.321
53.2
0.228
-173.3
1500
0.490
121.5
1.713
38.9
0.357
49.2
0.246
-176.1
1600
0.485
116.5
1.549
35.9
0.359
46.6
0.234
-178.0
1700
0.500
115.0
1.498
32.8
0.379
44.1
0.259
-179.9
1800
0.500
111.2
1.411
32.3
0.387
44.6
0.264
178.3
1900
0.509
108.5
1.455
28.4
0.431
41.8
0.279
176.2
2000
0.516
104.9
1.302
24.4
0.418
38.4
0.273
171.0
isc Website:www.iscsemi.cn
6


유사한 부품 번호 - 2SC4536

제조업체부품명데이터시트상세설명
logo
NEC
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4536 RENESAS-2SC4536 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR
logo
California Eastern Labs
2SC4536 CEL-2SC4536 Datasheet
640Kb / 10P
   NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
Renesas Technology Corp
2SC4536-A RENESAS-2SC4536-A Datasheet
137Kb / 2P
   RF & Microwave device
2SC4536-T1 RENESAS-2SC4536-T1 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR
More results

유사한 설명 - 2SC4536

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SC2351 ISC-2SC2351 Datasheet
109Kb / 3P
   isc Silicon NPN RF Transistor
BFS67 ISC-BFS67 Datasheet
87Kb / 3P
   isc Silicon NPN RF Transistor
2SC2734 ISC-2SC2734 Datasheet
138Kb / 4P
   isc Silicon NPN RF Transistor
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
   isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
   isc Silicon NPN RF Transistor
BFR93AW ISC-BFR93AW Datasheet
211Kb / 7P
   isc Silicon NPN RF Transistor
2SC2570A ISC-2SC2570A Datasheet
248Kb / 5P
   isc Silicon NPN RF Transistor
2SC2735 ISC-2SC2735 Datasheet
144Kb / 4P
   isc Silicon NPN RF Transistor
2SC4250 ISC-2SC4250 Datasheet
198Kb / 4P
   isc Silicon NPN RF Transistor
2SC4265 ISC-2SC4265 Datasheet
141Kb / 4P
   isc Silicon NPN RF Transistor
BFR520 ISC-BFR520 Datasheet
197Kb / 7P
   isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com