전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A3P1000-1FGG144T 데이터시트(PDF) 72 Page - Actel Corporation

부품명 A3P1000-1FGG144T
상세설명  Automotive ProASIC3 Flash Family FPGAs
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P1000-1FGG144T 데이터시트(HTML) 72 Page - Actel Corporation

Back Button A3P1000-1FGG144T Datasheet HTML 68Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 69Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 70Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 71Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 72Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 73Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 74Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 75Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 76Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 136 page
background image
Automotive ProASIC3 DC and Switching Characteristics
2- 60
v1.0
Table 2-97 • Output Enable Register Propagation Delays
Automotive-Case Conditions: TJ = 115°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std. Units
tOECLKQ
Clock-to-Q of the Output Enable Register
0.53 0.62
ns
tOESUD
Data Setup Time for the Output Enable Register
0.37 0.44
ns
tOEHD
Data Hold Time for the Output Enable Register
0.00 0.00
ns
tOESUE
Enable Setup Time for the Output Enable Register
0.52 0.61
ns
tOEHE
Enable Hold Time for the Output Enable Register
0.00 0.00
ns
tOECLR2Q
Asynchronous Clear-to-Q of the Output Enable Register
0.79 0.93
ns
tOEPRE2Q
Asynchronous Preset-to-Q of the Output Enable Register
0.79 0.93
ns
tOEREMCLR
Asynchronous Clear Removal Time for the Output Enable Register
0.00 0.00
ns
tOERECCLR
Asynchronous Clear Recovery Time for the Output Enable Register
0.27 0.31
ns
tOEREMPRE
Asynchronous Preset Removal Time for the Output Enable Register
0.00 0.00
ns
tOERECPRE
Asynchronous Preset Recovery Time for the Output Enable Register
0.27 0.31
ns
tOEWCLR
Asynchronous Clear Minimum Pulse Width for the Output Enable Register
0.25 0.30
ns
tOEWPRE
Asynchronous Preset Minimum Pulse Width for the Output Enable Register
0.25 0.30
ns
tOECKMPWH Clock Minimum Pulse Width HIGH for the Output Enable Register
0.41 0.48
ns
tOECKMPWL
Clock Minimum Pulse Width LOW for the Output Enable Register
0.37 0.43
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-5 for derating
values.


유사한 부품 번호 - A3P1000-1FGG144T

제조업체부품명데이터시트상세설명
logo
Actel Corporation
A3P1000-1FGG144 ACTEL-A3P1000-1FGG144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144ES ACTEL-A3P1000-1FGG144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144M ACTEL-A3P1000-1FGG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
A3P1000-1FGG144PP ACTEL-A3P1000-1FGG144PP Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
More results

유사한 설명 - A3P1000-1FGG144T

제조업체부품명데이터시트상세설명
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com