전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A3P1000-1FGG144T 데이터시트(PDF) 46 Page - Actel Corporation

부품명 A3P1000-1FGG144T
상세설명  Automotive ProASIC3 Flash Family FPGAs
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P1000-1FGG144T 데이터시트(HTML) 46 Page - Actel Corporation

Back Button A3P1000-1FGG144T Datasheet HTML 42Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 43Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 44Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 45Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 46Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 47Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 48Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 49Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 50Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 136 page
background image
Automotive ProASIC3 DC and Switching Characteristics
2- 34
v1.0
Table 2-48 • 2.5 V LVCMOS High Slew
Automotive-Case Conditions: TJ = 135°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
STD
0.64
9.26
0.05
1.45
0.46
8.28
9.26
1.24
1.12
10.78
11.756
ns
-1
0.55
7.87
0.04
1.23
0.39
7.05
7.87
1.24
1.13
9.17
10
ns
6 mA
STD
0.64
5.43
0.05
1.45
0.46
5.19
5.43
1.43
1.47
7.69
7.926
ns
-1
0.55
4.62
0.04
1.23
0.39
4.42
4.62
1.43
1.47
6.55
6.743
ns
12 mA
STD
0.64
3.59
0.05
1.45
0.46
3.65
3.51
1.56
1.69
6.15
6.012
ns
-1
0.55
3.05
0.04
1.23
0.39
3.11
2.99
1.56
1.69
5.23
5.114
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-5 for derating
values.
Table 2-49 • 2.5 V LVCMOS Low Slew
Automotive-Case Conditions: TJ = 135°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
STD
0.64
12.12
0.05
1.45
0.46
11.89
12.12
1.25
1.08
14.39
14.622
ns
-1
0.55
10.31
0.04
1.23
0.39
10.12
10.31
1.25
1.08
12.24
12.438
ns
6 mA
STD
0.64
8.24
0.05
1.45
0.46
8.39
8.23
1.43
1.42
10.89
10.73
ns
-1
0.55
7.01
0.04
1.23
0.39
7.14
7.00
1.43
1.42
9.26
9.128
ns
12 mA
STD
0.64
6.30
0.05
1.45
0.46
6.41
6.16
1.56
1.63
8.91
8.656
ns
-1
0.55
5.35
0.04
1.23
0.39
5.45
5.24
1.56
1.63
7.58
7.364
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-5 for derating
values.


유사한 부품 번호 - A3P1000-1FGG144T

제조업체부품명데이터시트상세설명
logo
Actel Corporation
A3P1000-1FGG144 ACTEL-A3P1000-1FGG144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144ES ACTEL-A3P1000-1FGG144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144M ACTEL-A3P1000-1FGG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
A3P1000-1FGG144PP ACTEL-A3P1000-1FGG144PP Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
More results

유사한 설명 - A3P1000-1FGG144T

제조업체부품명데이터시트상세설명
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com