전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A3P1000-1FGG144T 데이터시트(PDF) 58 Page - Actel Corporation

부품명 A3P1000-1FGG144T
상세설명  Automotive ProASIC3 Flash Family FPGAs
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTEL [Actel Corporation]
홈페이지  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P1000-1FGG144T 데이터시트(HTML) 58 Page - Actel Corporation

Back Button A3P1000-1FGG144T Datasheet HTML 54Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 55Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 56Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 57Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 58Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 59Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 60Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 61Page - Actel Corporation A3P1000-1FGG144T Datasheet HTML 62Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 136 page
background image
Automotive ProASIC3 DC and Switching Characteristics
2- 46
v1.0
Table 2-73 • 1.5 V LVCMOS Low Slew
Automotive-Case Conditions: TJ = 115°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
STD
0.63
13.83
0.05
1.40
0.45
13.86
13.83
1.82
1.39
16.28
16.25
ns
-1
0.53
11.76
0.04
1.19
0.38
11.79
11.76
1.82
1.39
13.85
13.82
ns
4 mA
STD
0.63
10.83
0.05
1.40
0.45
11.03
10.33
2.00
1.71
13.45
12.75
ns
-1
0.53
9.21
0.04
1.19
0.38
9.38
8.79
2.01
1.72
11.44
10.84
ns
6 mA
STD
0.63
10.10
0.05
1.40
0.45
10.28
9.62
2.05
1.80
12.70
12.04
ns
-1
0.53
8.59
0.04
1.19
0.38
8.75
8.18
2.05
1.80
10.81
10.24
ns
8 mA
STD
0.63
9.64
0.05
1.40
0.45
9.82
9.62
2.11
2.12
12.23
12.04
ns
-1
0.53
8.20
0.04
1.19
0.38
8.35
8.18
2.11
2.12
10.41
10.24
ns
12 mA
STD
0.63
9.64
0.05
1.40
0.45
9.82
9.62
2.11
2.12
12.23
12.04
ns
-1
0.53
8.20
0.04
1.19
0.38
8.35
8.18
2.11
2.12
10.41
10.24
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-5 for derating
values.
Table 2-74 • 1.5 V LVCMOS High Slew
Automotive-Case Conditions: TJ = 115°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
STD
0.63
8.47
0.05
1.54
0.45
7.38
9.05
1.81
1.45
9.80
11.47
ns
-1
0.53
7.21
0.04
1.31
0.38
6.28
7.70
1.81
1.45
8.34
9.75
ns
4 mA
STD
0.63
5.24
0.05
1.54
0.45
5.25
5.75
2.00
1.78
7.67
8.17
ns
-1
0.53
4.45
0.04
1.31
0.38
4.46
4.89
2.00
1.78
6.52
6.95
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-5 for derating
values.
Table 2-75 • 1.5 V LVCMOS Low Slew
Automotive-Case Conditions: TJ = 115°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
STD
0.63
13.07
0.05
1.40
0.45
13.86
13.83
1.82
1.39
16.28
16.25
ns
-1
0.53
11.12
0.04
1.19
0.38
11.79
11.76
1.82
1.39
13.85
13.82
ns
4 mA
STD
0.63
10.04
0.05
1.40
0.45
11.03
10.33
2.00
1.71
13.45
12.75
ns
-1
0.53
8.54
0.04
1.19
0.38
9.38
8.79
2.01
1.72
11.44
10.84
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-5 for derating
values.


유사한 부품 번호 - A3P1000-1FGG144T

제조업체부품명데이터시트상세설명
logo
Actel Corporation
A3P1000-1FGG144 ACTEL-A3P1000-1FGG144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144ES ACTEL-A3P1000-1FGG144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144M ACTEL-A3P1000-1FGG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
A3P1000-1FGG144PP ACTEL-A3P1000-1FGG144PP Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
More results

유사한 설명 - A3P1000-1FGG144T

제조업체부품명데이터시트상세설명
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com