์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

A3P030-FVQG144PP ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 50 Page - Actel Corporation

๋ถ€ํ’ˆ๋ช… A3P030-FVQG144PP
์ƒ์„ธ๋‚ด์šฉ  ProASIC3 Flash Family FPGAs
Download  206 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ACTEL [Actel Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.actel.com
Logo 

A3P030-FVQG144PP ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 50 Page - Actel Corporation

Zoom Inzoom in Zoom Outzoom out
/ 206 page
 50 / 206 page
background image
ProASIC3 DC and Switching Characteristics
2- 36
v1.3
Table 2-46 โ€ข 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70ยฐC, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
โ€“F
0.79
11.37
0.05
1.20
0.51
11.58
10.26
2.49
2.45
ns
Std.
0.66
9.46
0.04
1.00
0.43
9.64
8.54
2.07
2.04
ns
โ€“1
0.56
8.05
0.04
0.85
0.36
8.20
7.27
1.76
1.73
ns
โ€“2
0.49
7.07
0.03
0.75
0.32
7.20
6.38
1.55
1.52
ns
4 mA
โ€“F
0.79
11.37
0.05
1.20
0.51
11.58
10.26
2.49
2.45
ns
Std.
0.66
9.46
0.04
1.00
0.43
9.64
8.54
2.07
2.04
ns
โ€“1
0.56
8.05
0.04
0.85
0.36
8.20
7.27
1.76
1.73
ns
โ€“2
0.49
7.07
0.03
0.75
0.32
7.20
6.38
1.55
1.52
ns
6 mA
โ€“F
0.79
7.89
0.05
1.20
0.51
8.04
7.19
2.88
3.09
ns
Std.
0.66
6.57
0.04
1.00
0.43
6.69
5.98
2.40
2.57
ns
โ€“1
0.56
5.59
0.04
0.85
0.36
5.69
5.09
2.04
2.19
ns
โ€“2
0.49
4.91
0.03
0.75
0.32
5.00
4.47
1.79
1.92
ns
8 mA
โ€“F
0.79
7.89
0.05
1.20
0.51
8.04
7.19
2.88
3.09
ns
Std.
0.66
6.57
0.04
1.00
0.43
6.69
5.98
2.40
2.57
ns
โ€“1
0.56
5.59
0.04
0.85
0.36
5.69
5.09
2.04
2.19
ns
โ€“2
0.49
4.91
0.03
0.75
0.32
5.00
4.47
1.79
1.92
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
A3P030ProASIC3 Flash Family FPGAs with Optional Soft ARM Support 1 2 3 4 5 MoreList of Unclassifed Manufacturers
A3P1000-1FGG144TAutomotive ProASIC3 Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
APA1000-FG896AAutomotive-Grade ProASIC Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
APA1000-FFGG1152IProASIC Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
A3PE3000-1FGG896IProASIC3E Flash Family FPGAs 1 2 3 4 5 MoreActel Corporation
RT3PE3000L-1FG484BRadiation-Tolerant ProASIC3 Low-Power Space- Flight Flash FPGAs 1 2 3 4 5 MoreActel Corporation
A1280A-1PG176CACT2 Family FPGAs 1 2 3 4 5 MoreActel Corporation
C8051F300Mixed Signal ISP Flash MCU Family 1 2 3 4 5 MoreList of Unclassifed Manufacturers
C8051F3528 k ISP Flash MCU Family 1 2 3 4 5 MoreSilicon Laboratories

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn