전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MB05M 데이터시트(PDF) 1 Page - HY ELECTRONIC CORP.

부품명 MB05M
부품 상세설명  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HY [HY ELECTRONIC CORP.]
홈페이지  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MB05M 데이터시트(HTML) 1 Page - HY ELECTRONIC CORP.

  MB05M Datasheet HTML 1Page - HY ELECTRONIC CORP. MB05M Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique results in inexpensive product
Lead tin plated copper
MECHANICAL DATA
Polarity:Symbol molded on body
Weight: 0.0044 ounces,0.125 grams
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL MB05M
MB1M
MB2M
MB4M
MB6M
MB8M
MB10M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current (Note 1)
@TA=40 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 0.8A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
Typical Junction Capacitance Per Element (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
MB05M thru MB10M
GLASS PASSIVATED
BRIDGE RECTIFIERS
IFSM
A
Dimensions in inches and (millimeters)
0.8
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 0.8 Ampere
μA
A
I(AV)
~ 372 ~
3.Thermal resistance junction to case.
NOTES:1.Mounted on P.C. board.
2.Measured at1.0MHz and applied reverse voltage of 4.0V DC.
IR
30
75
-55 to +150
-55 to +150
1.1
5.0
500
15
MBM
.019(0.5)
.031(0.8)
.006(.15)
.014(.35)
.177(4.5)
.217(5.5)
.217(5.5)
.256(6.5)
.035(0.9)
.051(1.3)
.146(3.7)
.165(4.2)
.090(2.3)
.106(2.7)
.090(2.3)
.106(2.7)
.177(4.5)
.193(4.9)
.019(0.5)
.031(0.8)
.106(2.7)
.090(2.3)
+ -
~ ~
C0.5


유사한 부품 번호 - MB05M

제조업체부품명데이터시트부품 상세설명
Micro Commercial Components
Micro Commercial Compon...
MB05M MCC-MB05M Datasheet
101Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
Guangdong Juxing Electronics Technology Co., Ltd.
Guangdong Juxing Electr...
MB05M JUXING-MB05M Datasheet
2Mb / 2P
   BRIDGE RECTIFIERS
Shanghai Lunsure Electronic Tech
Shanghai Lunsure Electr...
MB05M CHENYI-MB05M Datasheet
70Kb / 2P
   0.5Amp single phase glass passivated bridge retifier 50to1000 volts
Guangdong Juxing Electronics Technology Co., Ltd.
Guangdong Juxing Electr...
MB05M JUXING-MB05M Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
DONGGUAN YOU FENG WEI E...
MB05M YFWDIODE-MB05M Datasheet
82Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifier
More results

유사한 설명 - MB05M

제조업체부품명데이터시트부품 상세설명
HY ELECTRONIC CORP.
HY ELECTRONIC CORP.
GBP2005 HY-GBP2005 Datasheet
43Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
GBU4005 HY-GBU4005 Datasheet
39Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
Fairchild Semiconductor
Fairchild Semiconductor
W005G FAIRCHILD-W005G_01 Datasheet
46Kb / 3P
   Bridge Rectifiers (Glass Passivated)
GOOD-ARK Electronics
GOOD-ARK Electronics
BR10005SG GOOD-ARK-BR10005SG Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
GBPC-W15005 GOOD-ARK-GBPC-W15005 Datasheet
89Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
MP6005G GOOD-ARK-MP6005G Datasheet
91Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
MP10005G GOOD-ARK-MP10005G Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
HY ELECTRONIC CORP.
HY ELECTRONIC CORP.
KBU35005G HY-KBU35005G Datasheet
88Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
TBL005G HY-TBL005G Datasheet
98Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
TBU6005G HY-TBU6005G Datasheet
90Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz