전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IRFZ44CN 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 IRFZ44CN
부품 상세설명  isc N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRFZ44CN 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRFZ44CN Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRFZ44CN Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc N-Channel MOSFET Transistor
IRFZ44CN
FEATURES
·Drain Current –ID=49A@ TC=25℃
·Drain Source Voltage-
: VDSS= 55V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 0.032Ω(Max)
·Fast Switching
DESCRIPTION
·Designed for low voltage, high speed switching applications in
power supplies,
converters and power motor controls, these
devices are particularly well suited for bridge circuits where
diode speed and commutating safe operating areas are critical
and offer additional safety margin against unexpected voltage
transients.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
55
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
49
A
IDM
Drain Current-Single Pluse (tp≤10μs)
160
A
PD
Total Dissipation @TC=25℃
94
W
TJ
Max. Operating Junction Temperature
175
Tstg
Storage Temperature
-55~175
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.5
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62
℃/W
isc Website:www.iscsemi.cn


유사한 부품 번호 - IRFZ44CN

제조업체부품명데이터시트부품 상세설명
NXP Semiconductors
NXP Semiconductors
IRFZ44 PHILIPS-IRFZ44 Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
List of Unclassifed Manufacturers
List of Unclassifed Man...
IRFZ44 ETC2-IRFZ44 Datasheet
2Mb / 31P
   SEMICONDUCTORS
International Rectifier
International Rectifier
IRFZ44 IRF-IRFZ44 Datasheet
100Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
Vishay Siliconix
Vishay Siliconix
IRFZ44 VISHAY-IRFZ44 Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
Samsung semiconductor
Samsung semiconductor
IRFZ44 SAMSUNG-IRFZ44 Datasheet
197Kb / 5P
   N-CHANNEL POWER MOSFETS
More results

유사한 설명 - IRFZ44CN

제조업체부품명데이터시트부품 상세설명
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
IRF321 ISC-IRF321 Datasheet
48Kb / 2P
   isc N-Channel Mosfet Transistor
IRF322 ISC-IRF322 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
IRF330 ISC-IRF330 Datasheet
59Kb / 2P
   isc N-Channel MOSFET Transistor
IRF341 ISC-IRF341 Datasheet
47Kb / 2P
   isc N-Channel MOSFET Transistor
IRF350 ISC-IRF350 Datasheet
49Kb / 2P
   isc N-Channel MOSFET Transistor
IRF420 ISC-IRF420 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
IRF421 ISC-IRF421 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
IRF443 ISC-IRF443 Datasheet
49Kb / 2P
   isc N-Channel MOSFET Transistor
IRF453 ISC-IRF453 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
IRF462 ISC-IRF462 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz