전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS80C52X2-MCCB 데이터시트(PDF) 8 Page - TEMIC Semiconductors

부품명 TS80C52X2-MCCB
상세설명  8-bit CMOS Microcontroller 0-60 MHz
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-MCCB 데이터시트(HTML) 8 Page - TEMIC Semiconductors

Back Button TS80C52X2-MCCB Datasheet HTML 4Page - TEMIC Semiconductors TS80C52X2-MCCB Datasheet HTML 5Page - TEMIC Semiconductors TS80C52X2-MCCB Datasheet HTML 6Page - TEMIC Semiconductors TS80C52X2-MCCB Datasheet HTML 7Page - TEMIC Semiconductors TS80C52X2-MCCB Datasheet HTML 8Page - TEMIC Semiconductors TS80C52X2-MCCB Datasheet HTML 9Page - TEMIC Semiconductors TS80C52X2-MCCB Datasheet HTML 10Page - TEMIC Semiconductors TS80C52X2-MCCB Datasheet HTML 11Page - TEMIC Semiconductors TS80C52X2-MCCB Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
8
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
Figure 2. Mode Switching Waveforms
The X2 bit in the CKCON register (See Table 4.) allows to switch from 12 clock cycles per instruction to 6 clock
cycles and vice versa. At reset, the standard speed is activated (STD mode). Setting this bit activates the X2 feature
(X2 mode).
CAUTION
In order to prevent any incorrect operation while operating in X2 mode, user must be aware that all peripherals
using clock frequency as time reference (UART, timers) will have their time reference divided by two. For example
a free running timer generating an interrupt every 20 ms will then generate an interrupt every 10 ms. UART with
4800 baud rate will have 9600 baud rate.
XTAL1:2
XTAL1
CPU clock
X2 bit
X2 Mode
STD Mode
STD Mode


유사한 부품 번호 - TS80C52X2-MCCB

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TS80C52X2 TEMIC-TS80C52X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C52X2 ATMEL-TS80C52X2 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C52X2ZZZ-LCA ATMEL-TS80C52X2ZZZ-LCA Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C52X2ZZZ-LCB ATMEL-TS80C52X2ZZZ-LCB Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C52X2ZZZ-LCC ATMEL-TS80C52X2ZZZ-LCC Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results

유사한 설명 - TS80C52X2-MCCB

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com