전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AI03 데이터시트(HTML) 1 Page - celduc-relais

부품명 AI03
상세내용  REED SWITCH NORMALY OPEN, DRY CONTACT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo 

AI03 데이터시트(HTML) 1 Page - celduc-relais

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
page 1 / 2 F/GB
I/SEC/AI03-001/A/26/05/2000
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PPP
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
INTERRUPTEUR REED
REED SWITCH
NORMALEMENT OUVERT, CONTACT SEC
NORMALY OPEN, DRY CONTACT
Ø 1,8 max
Ø 0,5
10 max
46
AI03 . . . .
CARACTERISTIQUES ELECTRIQUES / ELECTRICAL DATA
Puissance maxi commutable / Max. switching power
10 W
Tension maxi commutable / Max. switching voltage
200 Vdc
Courant maxi commutable / Max. switching current
0,5 A
Courant de travail / Carrying current
0,75 A
Tension typique de tenue / Typical dielectric strength
250 Vdc
Résistance de contact initiale ( max ) / Initial contact resistance
≤ 125 mΩ
Méthode de mesure / Test process
Résistance d'isolement ( min ) / Insulation resistance
106
Capacité / Capacitance
0,25 pF
Fréquence de résonnance / Resonnant frequency
11,1 KHz
Bobine / Coil :
Mesure en 4 points /4 points measurement
I = 10 mA ; U = 2 V
Alimentation de bobine /Coil voltage: ATF + 20 %
mesure de tension
voltage measurement
30 mm


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn