전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AL44 데이터시트(PDF) 1 Page - celduc-relais

부품명 AL44
상세설명  REED SWITCH NORMALY OPEN, DRY CONTACT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

AL44 데이터시트(HTML) 1 Page - celduc-relais

  AL44 Datasheet HTML 1Page - celduc-relais AL44 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 / 2 F/GB
I/SEC/AL44-001/B/26/05/2000
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
celduc
INTERRUPTEUR REED
REED SWITCH
NORMALEMENT OUVERT, CONTACT SEC
NORMALY OPEN, DRY CONTACT
Ø 2,6 max
Ø 0,55
19 max
55 max
AL44 . . . .
CARACTERISTIQUES ELECTRIQUES / ELECTRICAL DATA
Puissance maxi commutable / Max. switching power
10 W
Tension maxi commutable / Max. switching voltage
500 VDc
Courant maxi commutable / Max. switching current
0,5 A
Courant de travail / Carrying current
1 A
Tension typique de tenue / Typical dielectric strength
1300 VDc
Résistance de contact initiale ( max ) / Initial contact resistance
≤ 100m
Méthode de mesure / Test process
Résistance d'isolement ( min ) / Insulation resistance
1011
Capacité / Capacitance
0,5 pF
Fréquence maxi d'utilisation / Max. switching frequency
200 Hz
Fréquence de résonnance / Resonnant frequency
2900 Hz
Bobine / Coil :
Mesure en 4 points / 4 points measurement
I = 1 mA ; U = 10 V
Alimentation de bobine /Coil voltage : ATF + 20%
mesure de tension
voltage measurement
30 mm


유사한 부품 번호 - AL44

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AL440B ETC-AL440B Datasheet
672Kb / 33P
   4Mbits (512k x 8-bit) FIFO memory
logo
AverLogic Technologies ...
AL440B AVERLOGIC-AL440B Datasheet
38Kb / 2P
   4M-Bit High Speed FIFO Field Memory
logo
List of Unclassifed Man...
AL440B-12 ETC-AL440B-12 Datasheet
672Kb / 33P
   4Mbits (512k x 8-bit) FIFO memory
logo
AverLogic Technologies ...
AL440B-12 AVERLOGIC-AL440B-12 Datasheet
38Kb / 2P
   4M-Bit High Speed FIFO Field Memory
AL440B-24 AVERLOGIC-AL440B-24 Datasheet
38Kb / 2P
   4M-Bit High Speed FIFO Field Memory
More results

유사한 설명 - AL44

제조업체부품명데이터시트상세설명
logo
celduc-relais
AC03 CELDUC-AC03 Datasheet
362Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AC011015 CELDUC-AC011015 Datasheet
79Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI02 CELDUC-AI02 Datasheet
367Kb / 3P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI43 CELDUC-AI43 Datasheet
397Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
IA85 CELDUC-IA85 Datasheet
111Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI44 CELDUC-AI44 Datasheet
83Kb / 1P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AD810XXXXX CELDUC-AD810XXXXX Datasheet
94Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
AI03 CELDUC-AI03 Datasheet
340Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
IA23 CELDUC-IA23 Datasheet
107Kb / 2P
   REED SWITCH NORMALY OPEN, DRY CONTACT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com