전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSA15320 데이터시트(PDF) 3 Page - celduc-relais

부품명 SSA15320
상세설명  Support Interfaces E/S DIN rail adaptor for I/O modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SSA15320 데이터시트(HTML) 3 Page - celduc-relais

  SSA15320 Datasheet HTML 1Page - celduc-relais SSA15320 Datasheet HTML 2Page - celduc-relais SSA15320 Datasheet HTML 3Page - celduc-relais SSA15320 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
celduc
r
e
l
a
i
s
www.celduc.com
S/ACC/EBS01000/C/29/08/2003
page 3/4 F/GB
+24VDC
0VDC
NC
LOAD
230VAC 3A
plc
3
4
5
1
2
SSA24xxx module
output interface :
plc -->power output
230VAC
LED
+24VDC
0VDC
NC
LOAD
24VDC 3A
plc
3
4
5
1
2
SSC24xxx module
output interface :
plc -->power output
+
-
+ V
0V
LED
output interface :
plc -->power output
USA plc
USA plc
Europe plc
out 1
out 1
NC
LOAD
230VAC 3A
3
4
5
1
2
SSA24xxx module
230VAC
LED
+24VDC
0VDC
plc
out 1
NC
LOAD
24VDC 3A
3
4
5
1
2
SSC24xxx module
output interface :
plc -->power output
+
-
+ V
0V
LED
+24VDC
0VDC
plc
out 1
Europe plc
AC OUTPUT
DC OUTPUT
AC OUTPUT
DC OUTPUT


유사한 부품 번호 - SSA15320

제조업체부품명데이터시트상세설명
logo
Bedford Opto Technology...
SSA150 BOT-SSA150 Datasheet
33Kb / 2P
   3 TIER 3mm LED ASSEMBLY
More results

유사한 설명 - SSA15320

제조업체부품명데이터시트상세설명
logo
FIBOX Enclosing innovat...
4512190 FIBOX-4512190 Datasheet
35Kb / 1P
   DIN rail support
26.07.2023
logo
PHOENIX CONTACT
2750798 PHOENIX-2750798 Datasheet
99Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2752411 PHOENIX-2752411 Datasheet
93Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2723453 PHOENIX-2723453 Datasheet
86Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2751218 PHOENIX-2751218 Datasheet
87Kb / 5P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
2721662 PHOENIX-2721662 Datasheet
87Kb / 6P
   INTERBUS ST bus terminal modules with additional interfaces (I/O)
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com