전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMT20C2 데이터시트(PDF) 2 Page - Emerson Network Power

부품명 SMT20C2
상세설명  DC-DC CONVERTERS C Class Non-isolated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMERSON-NETWORKPOWER [Emerson Network Power]
홈페이지  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT20C2 데이터시트(HTML) 2 Page - Emerson Network Power

  SMT20C2 Datasheet HTML 1Page - Emerson Network Power SMT20C2 Datasheet HTML 2Page - Emerson Network Power SMT20C2 Datasheet HTML 3Page - Emerson Network Power SMT20C2 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIL/SMT20C2 Series
4.5 Vin to 13.8 V Single Output
File Name: sil/smt20c2.pdf Rev: 27 Aug 2008
August 27, 2008
Notes
1 Measured as per recommended system capacitance.
2 di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.75 lo to
full lo and full lo to 0.75.
3 External input fusing is recommended.
4 Additional part numbers may be available with different output
voltages.
5 Airflow dependent, 100 LFM minimum required.
6 No capacitor needed for ripple current capability.
7 No capacitor needed for stability.
8 TSE RoHS 5/6 (non Pb-free) compliant versions may be available
on special request, please contact your local sales representative
for details.
9 NOTICE: Some models may not support all options. Please
contact your local Emerson Network Power representative or use
the on-line model number search tool at
http://www.powerconversion.com to find a suitable alternative.
OUTPUT
INPUT
MOUNT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER(8, 9)
(MAX.)
(MIN.)
(MAX.)
100 W
4.5-13.8 Vdc Horizontal 0.59-5.1 V
0 A
20 A
93%
±0.2%
±0.5%
SIL20C2-00SADJ-HJ
100 W
4.5-13.8 Vdc
Vertical
0.59-5.1 V
0 A
20 A
93%
±0.2%
±0.5%
SIL20C2-00SADJ-VJ
100 W
4.5-13.8 Vdc Horizontal 0.59-5.1 V
0 A
20 A
93%
±0.2%
±0.5%
SMT20C2-00SADJJ
Surface
For the most current data and application support visit www.powerconversion.com/products/
NEW Product
DC-DC CONVERTERS
C Class Non-isolated
2
Part Number System with Options
Product Family
SMT = Surface Mount
SIL = Single In Line
Rated Output Current
06 = 6 A
15 = 15 A
20 = 20 A
30 = 30 A
40 = 40 A
Input Voltage
00 = 4.5-13.8 V
Performance
C = Cost Optimized
The ultra-wide output voltage trim range offers major advantages to users
who select the SIL/SMT20C2. It is no longer necessary to purchase a variety
of modules in order to cover different output voltages. The output voltage
can be trimmed in a range of 0.59-5.1 V. When the SIL/SMT20C2 converter
leaves the factory, the ouput has been adjusted to the default voltage of 0.59 V.
Output Voltage Adjustment of the SIL/SMT20C2 Series
Mounting Option
-V = Vertical
-H = Horizontal
Blank = Horizontal Surface
Output Voltage
Single Adjustable Output
Generation
Blank = Standard Part
2 = Increased Current Density
SXX20C2-00SADJ-VJ
RoHS Compliance(8)
J = Pb-free (RoHS 6/6 compliant)
3
6
4
7
5
8
1
2
SIL20C2
Enable
Vin
GND
Rtrim
(for trim
down)
Cout
R
L
O
A
D
Power Good
Vout
+Rsense
-Rsense
Cin
Figure 1: Standard Application Drawing


유사한 부품 번호 - SMT20C2

제조업체부품명데이터시트상세설명
logo
Advanced Energy Industr...
SMT20C2 ADVANCEDENERGY-SMT20C2 Datasheet
579Kb / 7P
   C-Class Non-Isolated
logo
Artesyn Technologies
SMT20C2-00SADJ-HJ ARTESYN-SMT20C2-00SADJ-HJ Datasheet
606Kb / 4P
   4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
SMT20C2-00SADJ-VJ ARTESYN-SMT20C2-00SADJ-VJ Datasheet
606Kb / 4P
   4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
SMT20C2-00SADJJ ARTESYN-SMT20C2-00SADJJ Datasheet
752Kb / 4P
   C-Class Non-Isolated POWER
More results

유사한 설명 - SMT20C2

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com