전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMT40C-12SADJJ 데이터시트(PDF) 1 Page - Emerson Network Power

부품명 SMT40C-12SADJJ
상세설명  new high density open frame non-isolated converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMERSON-NETWORKPOWER [Emerson Network Power]
홈페이지  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT40C-12SADJJ 데이터시트(HTML) 1 Page - Emerson Network Power

  SMT40C-12SADJJ Datasheet HTML 1Page - Emerson Network Power SMT40C-12SADJJ Datasheet HTML 2Page - Emerson Network Power SMT40C-12SADJJ Datasheet HTML 3Page - Emerson Network Power SMT40C-12SADJJ Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The SMT40C Series is a new high density open frame non-isolated
converter for space-sensitive applications. Each model has a wide
input range of 10.2 Vdc to 13.8 Vdc and offers a wide 0.9 Vdc to
5.0 Vdc output voltage range with a 40 A load. An external
resistor adjusts the output voltage from its pre-set value of 0.9 V
to any value up to 5 V. Typical efficiencies are 92% at full load
conditions. The SMT40C series offers remote ON/OFF and
overcurrent protection as standard. With full international safety
approval including EN60950 and UL/cUL60950, the SMT40C
reduces compliance costs and time to market.
Embedded Power for
Business-Critical Continuity
SMT40C Series
12 Vin single output
Special Features
• 40 A current rating
• Input voltage range:
10.2 Vdc - 13.8 Vdc
• Output voltage range:
0.9 Vdc - 5.0 Vdc
• Industry leading value
• Cost optimized design
• Excellent transient response
• Output voltage adjustability
• Pathway for future
upgrades
• Supports silicon voltage
migration
• Resulting in reduced
design-in and qualification
time
• Designed in reliability:
MTBF of >4 million hours
per Telcordia SR-332
• Current share
• Available RoHS compliant
• 2 year warranty
Total Power:
200W
Input Voltage: 10.2-13.8 Vdc
# of Outputs:
Single
Safety
UL/cUL : UL/cUL CAN/CSA 22.2
No. 60950
UL 60950 File No. E139421
TÜV Product Service
(EN60950:2000)
Certificate No. B 04 08 19870 228
CB report and certificate to
IEC60950-US/6415C/UL
Rev.06.25.07
smt40c
1 of 4


유사한 부품 번호 - SMT40C-12SADJJ

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ Datasheet
186Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
   12 Vin single output
More results

유사한 설명 - SMT40C-12SADJJ

제조업체부품명데이터시트상세설명
logo
Emerson Network Power
SMT20C EMERSON-NETWORKPOWER-SMT20C Datasheet
258Kb / 4P
   new high density open frame non-isolated converter
SMT15C EMERSON-NETWORKPOWER-SMT15C Datasheet
253Kb / 4P
   new high density open-frame, non-isolated converter for space sensitive applications
logo
Wall Industries,Inc.
POL30 WALL-POL30_18 Datasheet
309Kb / 5P
   Up to 30A DC/DC Non-Isolated Open Frame Converter Single Output
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD05H ETC2-ASD05H Datasheet
781Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
ASD05H ASTRODYNE-ASD05H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD15H-12S3 ETC1-ASD15H-12S3 Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
ASD10H ETC2-ASD10H Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com